Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM505LRBABF Datasheet(PDF) 42 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 42 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 38Page - Texas Instruments DM505LRBABF Datasheet HTML 39Page - Texas Instruments DM505LRBABF Datasheet HTML 40Page - Texas Instruments DM505LRBABF Datasheet HTML 41Page - Texas Instruments DM505LRBABF Datasheet HTML 42Page - Texas Instruments DM505LRBABF Datasheet HTML 43Page - Texas Instruments DM505LRBABF Datasheet HTML 44Page - Texas Instruments DM505LRBABF Datasheet HTML 45Page - Texas Instruments DM505LRBABF Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 295 page
background image
42
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
4.3.2
DSS
Table 4-3. DSS Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
DPI Video Output 1
vout1_clk
Video Output 1 Clock output
O
AB17
vout1_d0
Video Output 1 Data output
O
W16
vout1_d1
Video Output 1 Data output
O
V16
vout1_d2
Video Output 1 Data output
O
U15
vout1_d3
Video Output 1 Data output
O
V15
vout1_d4
Video Output 1 Data output
O
Y15
vout1_d5
Video Output 1 Data output
O
W15
vout1_d6
Video Output 1 Data output
O
AA15
vout1_d7
Video Output 1 Data output
O
AB15
vout1_d8
Video Output 1 Data output
O
AA14
vout1_d9
Video Output 1 Data output
O
AB14
vout1_d10
Video Output 1 Data output
O
U13
vout1_d11
Video Output 1 Data output
O
V13
vout1_d12
Video Output 1 Data output
O
Y13
vout1_d13
Video Output 1 Data output
O
W13
vout1_d14
Video Output 1 Data output
O
U11
vout1_d15
Video Output 1 Data output
O
V11
vout1_d16
Video Output 1 Data output
O
U9
vout1_d17
Video Output 1 Data output
O
W11
vout1_d18
Video Output 1 Data output
O
V9
vout1_d19
Video Output 1 Data output
O
W9
vout1_d20
Video Output 1 Data output
O
U8
vout1_d21
Video Output 1 Data output
O
W8
vout1_d22
Video Output 1 Data output
O
U7
vout1_d23
Video Output 1 Data output
O
V7
vout1_de
Video Output 1 Data Enable output
O
U17
vout1_fld
Video Output 1 Field ID output.This signal is not used for embedded sync modes.
O
W17
vout1_hsync
Video Output 1 Horizontal Sync output.This signal is not used for embedded sync
modes.
O
AA17
vout1_vsync
Video Output 1 Vertical Sync output.This signal is not used for embedded sync modes.
O
U16
4.3.3
SD_DAC
NOTE
For more information, see theVideo Encoder / Video Encoder Overview of the Device TRM.
Table 4-4. CVIDEO SD_DAC Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
cvideo_tvout
SD_DAC TV analog composite output
A
T17
cvideo_vfb
SD_DAC input feedback thru resistor to out
A
P17
cvideo_rset
SD_DAC input reference current resistor setting
A
T18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com