Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM505LRBABF Datasheet(PDF) 57 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 57 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 53Page - Texas Instruments DM505LRBABF Datasheet HTML 54Page - Texas Instruments DM505LRBABF Datasheet HTML 55Page - Texas Instruments DM505LRBABF Datasheet HTML 56Page - Texas Instruments DM505LRBABF Datasheet HTML 57Page - Texas Instruments DM505LRBABF Datasheet HTML 58Page - Texas Instruments DM505LRBABF Datasheet HTML 59Page - Texas Instruments DM505LRBABF Datasheet HTML 60Page - Texas Instruments DM505LRBABF Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 295 page
background image
57
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Terminal Configuration and Functions
Copyright © 2016–2018, Texas Instruments Incorporated
Table 4-20. GPIOs Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpio2_16
General-Purpose Input/Output
IO
K19
gpio2_17
General-Purpose Input/Output
IO
K20
gpio2_18
General-Purpose Input/Output
IO
L21
gpio2_19
General-Purpose Input/Output
IO
L22
gpio2_20
General-Purpose Input/Output
IO
AB17
gpio2_21
General-Purpose Input/Output
IO
U17
gpio2_22
General-Purpose Input/Output
IO
W17
gpio2_23
General-Purpose Input/Output
IO
AA17
gpio2_24
General-Purpose Input/Output
IO
U16
gpio2_25
General-Purpose Input/Output
IO
W16
gpio2_26
General-Purpose Input/Output
IO
V16
gpio2_27
General-Purpose Input/Output
IO
U15
gpio2_28
General-Purpose Input/Output
IO
V15
gpio2_29
General-Purpose Input/Output
IO
Y15
gpio2_30
General-Purpose Input/Output
IO
W15
gpio2_31
General-Purpose Input/Output
IO
AA15
GPIO 3
gpio3_0
General-Purpose Input/Output
IO
AB15
gpio3_1
General-Purpose Input/Output
IO
AA14
gpio3_2
General-Purpose Input/Output
IO
AB14
gpio3_3
General-Purpose Input/Output
IO
U13
gpio3_4
General-Purpose Input/Output
IO
V13
gpio3_5
General-Purpose Input/Output
IO
Y13
gpio3_6
General-Purpose Input/Output
IO
W13
gpio3_7
General-Purpose Input/Output
IO
U11
gpio3_8
General-Purpose Input/Output
IO
V11
gpio3_9
General-Purpose Input/Output
IO
U9
gpio3_10
General-Purpose Input/Output
IO
W11
gpio3_11
General-Purpose Input/Output
IO
V9
gpio3_12
General-Purpose Input/Output
IO
W9
gpio3_13
General-Purpose Input/Output
IO
U8
gpio3_14
General-Purpose Input/Output
IO
W8
gpio3_15
General-Purpose Input/Output
IO
U7
gpio3_16
General-Purpose Input/Output
IO
V7
gpio3_17
General-Purpose Input/Output
IO
B19
gpio3_18
General-Purpose Input/Output
IO
B17
gpio3_19
General-Purpose Input/Output
IO
C16
gpio3_20
General-Purpose Input/Output
IO
C17
gpio3_21
General-Purpose Input/Output
IO
E16
gpio3_22
General-Purpose Input/Output
IO
D16
gpio3_23
General-Purpose Input/Output
IO
E17
gpio3_24
General-Purpose Input/Output
IO
F17
gpio3_25
General-Purpose Input/Output
IO
B18
gpio3_26
General-Purpose Input/Output
IO
C18
gpio3_27
General-Purpose Input/Output
IO
A19
gpio3_28
General-Purpose Input/Output
IO
B20
gpio3_29
General-Purpose Input/Output
IO
C20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com