Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM505LRBABF Datasheet(PDF) 102 Page - Texas Instruments

Part # DM505LRBABF
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505LRBABF Datasheet(HTML) 102 Page - Texas Instruments

Back Button DM505LRBABF Datasheet HTML 98Page - Texas Instruments DM505LRBABF Datasheet HTML 99Page - Texas Instruments DM505LRBABF Datasheet HTML 100Page - Texas Instruments DM505LRBABF Datasheet HTML 101Page - Texas Instruments DM505LRBABF Datasheet HTML 102Page - Texas Instruments DM505LRBABF Datasheet HTML 103Page - Texas Instruments DM505LRBABF Datasheet HTML 104Page - Texas Instruments DM505LRBABF Datasheet HTML 105Page - Texas Instruments DM505LRBABF Datasheet HTML 106Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 295 page
background image
porz
vdds18v_ddr1, vdds18v_ddr2,
vdds18v_ddr3, vdds18v,
vdda_osc, vdda_per, vdda_ddr_dsp,
vdda_gmac_core, vdda_csi,
vdda_dac, vdda_adc
vdds_ddr1, vdds_ddr2, vdds_ddr3
vdd
vdd_dspeve
vddshv1, vddshv2, vddshv3,
vddshv4, vddshv5, vddshv6
xi_osc0
SPRS91 _ELCH_02
6
Note 6
Note 7
Note 9
Note 10
Note 11
DSPEVE voltage
CORE voltage
EMIF voltage
V1
T0
T1
T2
T3
T4
Note 4
Note 5
Note 8
Note 12
102
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2018, Texas Instruments Incorporated
(7) If any of the vddshv[1-6] power rails are used for 1.8V I/O signaling, then these rails can be combined with vdds18v_*.
If 3.3V I/O signaling is required, then these rails must be the last to ramp following vdd_dspeve.
(8) resetn and porz must remain asserted low for a minimum of 12P(12) after xi_osc0 is stable at a valid frequency.
(9) Setup time: SYSBOOT[15:0] pins must be valid 2P(12) before porz is de-asserted high.
(10) Hold time: SYSBOOT[15:0] pins must be valid 15P(12) after porz is de-asserted high.
(11) resetn to rstoutn delay is 2ms.
(12) P = 1/(SYS_CLK1/610) frequency in ns.
(13) Ramped Up is defined as reaching the minimum operational voltage level for the corresponding power domain. For information about
voltage levels, refer to , Recommended Operating Conditions.
Figure 5-5. Recommended Power-Down Sequencing
(1) T1
≥ 100 µs; T2 = 500 µs; T3 = 1.0 ms; T4 = 1.5ms; V1 = 2.7 V. All "Tn" markers are intended to show total elapsed time, not interval
times.
(2) Terminology:
–
VOPR MIN = Minimum Operational Voltage level that ensures device functionality and specified performance in Section 5.4,
Recommended Operating Conditions.
–
VOFF = OFF Voltage level is defined to be less than 0.6 V where any current draw has no impact to POH.
–
Ramp Down = transition time from VOPR MIN to VOFF and is slew rate independent.
(3) General timing diagram items:
–
Grey shaded areas show valid transition times for supplies between VOPR MIN and VOFF.
–
Blue dashed lines are not valid windows but show alternate ramp possibilities based on the associated note.
–
Dashed vertical lines show approximate elapse times based upon TI recommended PMIC power-down sequencer circuit
performance.
(4) porz must be asserted low for 100 µs min to ensure SoC is set to a safe functional state before any voltage begins to ramp down.
(5) vddshv[1-6] domains supplied by 3.3 V:
–
must remain greater than 2.7 V to enable Dual Voltage GPIO selector circuit operation for 100 µs min after porz is asserted low.
–
must be in first group of supplies ramping down after porz has been asserted low for 100 µs min.
–
must not exceed vdds18v by more than 2 V during ramp down, see Figure 5-6, "vdds18v versus vddshv[1-6] Discharge
Relationship".
(6) vddshv[1-6] domains supplied by 1.8 V must ramp down concurrently with vdds18v and be sourced from common vdds18v supply.
(7) vdd_dspeve domain can ramp down before or concurrently with vdd.
(8) vdd must ramp down after or concurrently with vdd_dspeve.
(9) vdds_ddr[1-3] domains:
–
should ramp down after vdd begins ramping down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com