Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDS39RF12ACK Datasheet(PDF) 21 Page - Texas Instruments

Part # DDS39RF12ACK
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDS39RF12ACK Datasheet(HTML) 21 Page - Texas Instruments

Back Button DDS39RF12ACK Datasheet HTML 17Page - Texas Instruments DDS39RF12ACK Datasheet HTML 18Page - Texas Instruments DDS39RF12ACK Datasheet HTML 19Page - Texas Instruments DDS39RF12ACK Datasheet HTML 20Page - Texas Instruments DDS39RF12ACK Datasheet HTML 21Page - Texas Instruments DDS39RF12ACK Datasheet HTML 22Page - Texas Instruments DDS39RF12ACK Datasheet HTML 23Page - Texas Instruments DDS39RF12ACK Datasheet HTML 24Page - Texas Instruments DDS39RF12ACK Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 177 page
background image
6.6 Electrical Characteristics - AC Specifications (continued)
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, FCLK = 12 GHz, DDS Mode, IFS_SWITCH = 20.5 mA, single tone amplitude = 0 dBFS, SE DEM and Dither (DEM_ADJ
= 1 below 750 MHz and DEM_ADJ = 0 above 750 MHz), unless otherwise noted. FDAC = FCLK in NRZ and RF modes and
FDAC = 2*FCLK in DES2XL/H modes.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IMD3
Third-order two tone intermodulation
distortion, IFS_SWITCH = 20.5 mA
fOUT = 97 +/- 10 MHz, -7dBFS/tone
-100
dBc
fOUT = 997 +/- 10 MHz, -7dBFS/tone
-74
dBc
fOUT = 1997 +/- 10 MHz, -7dBFS/tone
-75
dBc
fOUT = 2997 +/- 10 MHz, -7dBFS/tone
-74
dBc
fOUT = 3997 +/- 10 MHz, -7dBFS/tone
-67
dBc
fOUT = 5997 +/- 10 MHz, -7dBFS/tone
-64
dBc
fOUT = 6997 +/- 10 MHz, -7dBFS/tone
-55
dBc
fOUT = 7997 +/- 10 MHz, -7dBFS/tone
-58
dBc
fOUT = 8997 +/- 10 MHz, -7dBFS/tone
-64
dBc
fOUT = 10997 +/- 10 MHz, -7dBFS/
tone
-55
dBc
Third-order two tone intermodulation
distortion, IFS_SWITCH = 41 mA
fOUT = 97 +/- 10 MHz, -7dBFS/tone
-87
dBc
fOUT = 997 +/- 10 MHz, -7dBFS/tone
-61
dBc
fOUT = 1997 +/- 10 MHz, -7dBFS/tone
-53
dBc
fOUT = 2997 +/- 10 MHz, -7dBFS/tone
-55
dBc
fOUT = 3997 +/- 10 MHz, -7dBFS/tone
-56
dBc
fOUT = 5997 +/- 10 MHz, -7dBFS/tone
-54
dBc
fOUT = 6997 +/- 10 MHz, -7dBFS/tone
-40
dBc
fOUT = 7997 +/- 10 MHz, -7dBFS/tone
-41
dBc
fOUT = 8997 +/- 10 MHz, -7dBFS/tone
-44
dBc
fOUT = 10997 +/- 10 MHz, -7dBFS/
tone
-46
dBc
NSD
Noise spectral density, large signal,
sinusoidal output, IFS_SWITCH = 20.5
mA(3)
fOUT = 97 MHz, 70-MHz offset from
fOUT
-157
dBc/Hz
fOUT = 997 MHz, 70-MHz offset from
fOUT
-155
dBc/Hz
fOUT = 1997 MHz, 70-MHz offset from
fOUT
-152
dBc/Hz
fOUT = 2997 MHz, 70-MHz offset from
fOUT
-151
dBc/Hz
fOUT = 3997 MHz, 70-MHz offset from
fOUT
-149
dBc/Hz
fOUT = 5997 MHz, 70-MHz offset from
fOUT
-148
dBc/Hz
fOUT = 6997 MHz, 70-MHz offset from
fOUT
-146
dBc/Hz
fOUT = 7997 MHz, 70-MHz offset from
fOUT
-146
dBc/Hz
fOUT = 8997 MHz, 70-MHz offset from
fOUT
-144
dBc/Hz
fOUT = 10997 MHz, 70-MHz offset
from fOUT
-140
dBc/Hz
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com