Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DDS39RF12ACK Datasheet(PDF) 39 Page - Texas Instruments

Part # DDS39RF12ACK
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DDS39RF12ACK Datasheet(HTML) 39 Page - Texas Instruments

Back Button DDS39RF12ACK Datasheet HTML 35Page - Texas Instruments DDS39RF12ACK Datasheet HTML 36Page - Texas Instruments DDS39RF12ACK Datasheet HTML 37Page - Texas Instruments DDS39RF12ACK Datasheet HTML 38Page - Texas Instruments DDS39RF12ACK Datasheet HTML 39Page - Texas Instruments DDS39RF12ACK Datasheet HTML 40Page - Texas Instruments DDS39RF12ACK Datasheet HTML 41Page - Texas Instruments DDS39RF12ACK Datasheet HTML 42Page - Texas Instruments DDS39RF12ACK Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 177 page
background image
6.13 Typical Characteristics: Power Dissipation and Supply Currents
Typical values at TA = +25°C and nominal supply voltages, IFS_SWITCH = 20.5mA, 2 DACs = DDS39RF12, 1 DAC =
DDS39RFS12, except where noted.
Clock Frequency (GHz)
2
3
4
5
6
7
8
9
10
11
12
0
500
1000
1500
2000
2500
3000
3500
4000
DDS, DES2XL
DDS, NRZ/RF
JMODE 6, 128x Int, DES2XL
JMODE 6, 128x Int, NRZ/RF
Dual DAC, IFS_SWITCH = 20.5mA
Figure 6-44. Power Dissipation vs Clock Frequency and Digital
Mode
Clock Frequency (GHz)
2
3
4
5
6
7
8
9
10
11
12
0
500
1000
1500
2000
2500
3000
3500
4000
4500
DDS, DES2XL
DDS, NRZ/RF
JMODE 6, 128x Int, DES2XL
JMODE 6, 128x Int, NRZ/RF
Dual DAC, IFS_SWITCH = 41mA
Figure 6-45. Power Dissipation vs Clock Frequency and Digital
Mode
Clock Frequency (GHz)
2
3
4
5
6
7
8
9
10
11
12
0
500
1000
1500
2000
2500
3000
3500
4000
DDS, DES2XL
DDS, NRZ/RF
JMODE 7, 128x Int, DES2XL
JMODE 7, 128x Int, NRZ/RF
Single DAC, IFS_SWITCH = 20.5mA
Figure 6-46. Power Dissipation vs Clock Frequency and Digital
Mode
Clock Frequency (GHz)
2
3
4
5
6
7
8
9
10
11
12
0
500
1000
1500
2000
2500
3000
3500
4000
DDS, DES2XL
DDS, NRZ/RF
JMODE 7, 128x Int, DES2XL
JMODE 7, 128x Int, NRZ/RF
Single DAC, IFS_SWITCH = 41mA
Figure 6-47. Power Dissipation vs Clock Frequency and Digital
Mode
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
20
40
60
80
100
120
140
160
1 DAC, 1x Current
1 DAC, 2x Current
2 DACs, 1x Current
2 DACs, 2x Current
Independent of JMODE and Interpolation
Figure 6-48. VDDA18 Current vs Clock Frequency and DAC
Mode
Clock Frequency (GHz)
0
1
2
3
4
5
6
7
8
9
10
11
12
0
2
4
6
8
10
12
14
16
18
20
Independent of JMODE, interpolation, and single/dual DAC
device
Figure 6-49. VDDCLK18 Current vs Clock Frequency
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com