Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5024 Datasheet(PDF) 22 Page - Texas Instruments

Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5024 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LP5024 Datasheet HTML 18Page - Texas Instruments LP5024 Datasheet HTML 19Page - Texas Instruments LP5024 Datasheet HTML 20Page - Texas Instruments LP5024 Datasheet HTML 21Page - Texas Instruments LP5024 Datasheet HTML 22Page - Texas Instruments LP5024 Datasheet HTML 23Page - Texas Instruments LP5024 Datasheet HTML 24Page - Texas Instruments LP5024 Datasheet HTML 25Page - Texas Instruments LP5024 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
7.6 Register Maps
Table 7-4 lists the memory-mapped registers of the device.
Table 7-4. Register Maps
REGISTER
NAME
ADDR TYPE
D7
D6
D5
D4
D3
D2
D1
D0
DEF-
AULT
DEVICE_
CONFIG0
00h
R/ W
RESERVED
Chip_EN
RESERVED
00h
DEVICE_
CONFIG1
01h
R/ W
RESERVED
Log_Scale_EN
Power_Save_
EN
Auto_Incr_EN
PWM_
Dithering_EN
Max_Current_
Option
LED_Global Off
3Ch
LED_CONFIG0
02h
R/ W
LED7_Bank_EN LED6_Bank_EN LED5_Bank_EN LED4_Bank_EN LED3_Bank_EN LED2_Bank_EN LED1_Bank_EN LED0_Bank_EN
00h
BANK_
BRIGHTNESS
03h
R/ W
Bank_Brightness
FFh
BANK_A_
COLOR
04h
R/ W
Bank_A_Color
00h
BANK_B_
COLOR
05h
R/ W
Bank_B_Color
00h
BANK_C_
COLOR
06h
R/ W
Bank_C_Color
00h
LED0_
BRIGHTNESS
07h
R/ W
LED0_Brightness
FFh
LED1_
BRIGHTNESS
08h
R/ W
LED1_Brightness
FFh
LED2_
BRIGHTNESS
09h
R/ W
LED2_Brightness
FFh
LED3_
BRIGHTNESS
0Ah
R/ W
LED3_Brightness
FFh
LED4_
BRIGHTNESS
0Bh
R/ W
LED4_Brightness
FFh
LED5_
BRIGHTNESS
0Ch
R/ W
LED5_Brightness
FFh
LED6_
BRIGHTNESS
0Dh
R/ W
LED6_Brightness
FFh
LED7_
BRIGHTNESS
0Eh
R/ W
LED7_Brightness
FFh
OUT0_COLOR
0Fh
R/ W
OUT0_Color
00h
OUT1_COLOR
10h
R/ W
OUT1_Color
00h
OUT2_COLOR
11h
R/ W
OUT2_Color
00h
OUT3_COLOR
12h
R/ W
OUT3_Color
00h
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
www.ti.com
22
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com