Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5024 Datasheet(PDF) 6 Page - Texas Instruments

Part # LP5024
Description  LP50xx 18-, 24-Channel, 12-Bit, PWM Ultralow-Quiescent-Current, I2C RGB LED Drivers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5024 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LP5024 Datasheet HTML 2Page - Texas Instruments LP5024 Datasheet HTML 3Page - Texas Instruments LP5024 Datasheet HTML 4Page - Texas Instruments LP5024 Datasheet HTML 5Page - Texas Instruments LP5024 Datasheet HTML 6Page - Texas Instruments LP5024 Datasheet HTML 7Page - Texas Instruments LP5024 Datasheet HTML 8Page - Texas Instruments LP5024 Datasheet HTML 9Page - Texas Instruments LP5024 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
LP5018RSM
LP5024RSM
LP5018DGS
OUT15
16
16
7
O
Current sink output 15. If not used, this pin can be left floating.
OUT16
17
17
8
O
Current sink output 16. If not used, this pin can be left floating.
OUT17
18
18
9
O
Current sink output 17. If not used, this pin can be left floating.
OUT18
—
19
—
O
Current sink output 18. If not used, this pin can be left floating.
OUT19
—
20
—
O
Current sink output 19. If not used, this pin can be left floating.
OUT20
—
21
—
O
Current sink output 20. If not used, this pin can be left floating.
OUT21
—
22
—
O
Current sink output 21. If not used, this pin can be left floating.
OUT22
—
23
—
O
Current sink output 22. If not used, this pin can be left floating.
OUT23
—
24
—
O
Current sink output 23. If not used, this pin can be left floating.
SCL
29
29
15
I
I2C bus clock line. If not used, this pin must be connected to GND
or VCC.
SDA
28
28
14
I/O
I2C bus data line. If not used, this pin must be connected to GND
or VCC.
VCAP
32
32
18
—
Internal LDO output pin, this pin must be connected to a 1µF
capacitor to GND. Place the capacitor as close to the device as
possible.
VCC
27
27
13
I
Input power.
GND
GND
GND
10, 28
—
Exposed thermal pad also serves the ground pin for the device.
LP5018, LP5024
SLVSEB8C – OCTOBER 2018 – REVISED JULY 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LP5018 LP5024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com