Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 2 Page - Texas Instruments

Part # LSF0102
Description  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Datasheet(HTML) 2 Page - Texas Instruments

  LSF0102 Datasheet HTML 1Page - Texas Instruments LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings........................................ 4
6.2 ESD Ratings............................................................... 4
6.3 Recommended Operating Conditions.........................4
6.4 Thermal Information....................................................4
6.5 Electrical Characteristics.............................................5
6.6 Switching Characteristics (Translating Down):
VCCB = 3.3 V..................................................................6
6.7 Switching Characteristics (Translating Down):
VCCB = 2.5 V..................................................................6
6.8 Switching Characteristics Translating Up): VCCB
= 3.3 V...........................................................................6
6.9 Switching Characteristics (Translating Up): VCCB
= 2.5 V...........................................................................6
6.10 Typical Characteristics.............................................. 7
7 Parameter Measurement Information............................ 8
8 Detailed Description........................................................9
8.1 Overview..................................................................... 9
8.2 Functional Block Diagram........................................... 9
8.3 Feature Description.....................................................9
9 Application and Implementation.................................. 12
9.1 Application Information............................................. 12
9.2 Typical Application.................................................... 12
9.3 Power Supply Recommendations.............................17
9.4 Layout....................................................................... 18
10 Device and Documentation Support..........................19
10.1 Documentation Support.......................................... 19
10.2 Receiving Notification of Documentation Updates..19
10.3 Support Resources................................................. 19
10.4 Trademarks.............................................................19
10.5 Electrostatic Discharge Caution..............................19
10.6 Glossary..................................................................19
11 Mechanical, Packaging, and Orderable
Information.................................................................... 19
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (April 2021) to Revision B (May 2023)
Page
• Updated the Recommended Operating Conditions table to reflect maximum of 5.5 V...................................... 4
• Updated the Thermal Information table.............................................................................................................. 4
• Changed all Switching Characteristic Test Conditions........................................................................................6
• Added the Output Enable section....................................................................................................................... 9
• Added the Up and Down Translation sections.................................................................................................. 11
• Changed pull up resistor to bias resistor in Enable, Disable, and Reference Voltage Guidelines section....... 12
• Added the Bias Circuitry section.......................................................................................................................13
• Updated the current values in the table titled Pull-up Resistor Values ............................................................ 13
• Added image to the Mixed-Mode Voltage Translation section..........................................................................14
• Added the Single Supply Translation section................................................................................................... 15
• Added section Voltage Translation for Vref_B < Vref_A + 0.8 V ......................................................................17
Changes from Revision * (May 2018) to Revision A (April 2021)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated the Bidirectional Translation section to include inclusive terminology................................................13
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
www.ti.com
2
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com