Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102 Datasheet(PDF) 6 Page - Texas Instruments

Part # LSF0102
Description  LSF0102-Q1 Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LSF0102 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LSF0102 Datasheet HTML 2Page - Texas Instruments LSF0102 Datasheet HTML 3Page - Texas Instruments LSF0102 Datasheet HTML 4Page - Texas Instruments LSF0102 Datasheet HTML 5Page - Texas Instruments LSF0102 Datasheet HTML 6Page - Texas Instruments LSF0102 Datasheet HTML 7Page - Texas Instruments LSF0102 Datasheet HTML 8Page - Texas Instruments LSF0102 Datasheet HTML 9Page - Texas Instruments LSF0102 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
6.6 Switching Characteristics (Translating Down): VCCB = 3.3 V
over recommended operating free-air temperature range, VCCB = 3.3 V, VCCB = VIH = Vref_A + 1, VIL = 0, and VM = 0.5Vref_A
(unless otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
MIN
TYP
MAX
MIN
TYP MAX
MIN
TYP MAX
tPLH
Propagation delay
time, low-to-high
output
From (input) A or B
to (output) B or A
1.1
0.7
0.3
ns
tPHL
Propagation delay
time, high-to-low
output
From (input) A or B
to (output) B or A
1.2
0.8
0.4
6.7 Switching Characteristics (Translating Down): VCCB = 2.5 V
over recommended operating free-air temperature range, VCCB = 2.5 V, VCCB = VIH = Vref_A + 1, VIL = 0, and VM = 0.5Vref_A
(unless otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
Propagation delay
time, low-to-high
output
From (input) A or B
to (output) B or A
1.2
0.8
0.35
ns
tPHL
Propagation delay
time, high-to-low
output
From (input) A or B to
(output) B or A
1.3
1
0.5
6.8 Switching Characteristics Translating Up): VCCB = 3.3 V
over recommended operating free-air temperature range, VCCB = 3.3 V, VCCB = VT = Vref_A + 1, Vref_A = VIH, VIL = 0, VM =
0.5Vref_A and RL = 300 (unless otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
tPLH
Propagation delay
time, low-to-high
output
From (input) A or B
to (output) B or A
1
0.8
0.4
ns
tPHL
Propagation delay
time, high-to-low
output
From (input) A or B
to (output) B or A
1
0.9
0.4
6.9 Switching Characteristics (Translating Up): VCCB = 2.5 V
over recommended operating free-air temperature range, VCCB = 2.5 V, VCCB = VT = Vref_A + 1, Vref_A = VIH, VIL = 0, VM =
0.5Vref_A and RL = 300 (unless otherwise noted) (see Parameter Measurement Information)
PARAMETER
TEST CONDITIONS
CL = 50 pF
CL = 30 pF
CL = 15 pF
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP MAX
tPLH
Propagation delay
time, low-to-high
output
From (input) A or B
to (output) B or A
1.1
0.9
0.45
ns
tPHL
Propagation delay
time, high-to-low
output
From (input) A or B
to (output) B or A
1.3
1.1
0.6
LSF0102-Q1
SDLS969B – MAY 2018 – REVISED MAY 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: LSF0102-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com