Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C6264 Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # AS6C6264
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264 Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  AS6C6264 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
8K X 8 BIT LOW POWER CMOS SRAM
DC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
*5
MAX.
UNIT
Supply Voltage
VCC
V
5.
2.7
3.0
5
Input High Voltage
VIH
*1
V
-
V
2.4
CC
+0.3
V
Input Low Voltage
VIL
*2
V
6
.
0
-
5
.
0
-
Input Leakage Current
ILI
VCC >
=
>
=
>
=
>
=
>
=
VIN
VSS
- 1
-
1
µA
Output Leakage
Current
ILO
VCC
VOUT
VSS,
Output Disabled
- 1
-
1
µA
Output High Voltage
VOH
IOH
V
-
0
.
3
4
.
2
A
m
1
-
=
Output Low Voltage
VOL
IOL = 2mA
-
-
0.4
V
- 55
-
15
45
mA
ICC
Cycle time = Min.
CE# = VIL and CE2 = VIH,
II/O = 0mA
Average Operating
Power supply Current
ICC1
Cycle time = 1µs
CE#≦0.2V and CE2≧VCC-0.2V,
II/O = 0mA
other pins at 0.2V or VCC-0.2V
-
3
10
mA
-C
1
10
µA
Standby Power
Supply Current
ISB1
CE#
VCC-0.2V
or CE2≦0.2V
-I
-
1
20* 4
µA
Notes: C = Commercial Temperature I = Industrial temperature
1. VIH(max) =VCC + 3.0V for pulse width less than 10ns.
2. VIL(min) =VSS - 3.0V for pulse width less than 10ns.
3. Over/Undershoot specifications are characterized, not 100% tested.
4. 10µA for special request
5. Typical values are included for reference only and are not guaranteed or tested.
Typical valued are measured at VCC = VCC(TYP.) and TA = 25ºC
ºC
CAPACITANCE (TA = 25 , f = 1.0MHz)
PARAMETER
SYMBOL
MIN.
MAX
UNIT
Input Capacitance
CIN
-
6
pF
Input/Output Capacitance
CI/O
-
8
pF
Note :These parameters are guaranteed by device characterization, but not production tested.
AC TEST CONDITIONS
V
o
t
V
2
.
0
s
l
e
v
e
L
e
s
l
u
P
t
u
p
n
I
CC
- 0.2V
s
n
3
s
e
m
i
T
ll
a
F
d
n
a
e
s
i
R
t
u
p
n
I
Input and Output Timing Reference Levels
1.5V
C
d
a
o
L
t
u
p
t
u
O
L
= 50pF + 1TTL, IOH/IOL = -1mA/2mA
®
Alliance Memory Inc
Page 3 of 12
July 2017, v2.0
February2007
Updated July 2017
*4
AS6C6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com