Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS6C6264 Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS6C6264
Description  8K X 8 BIT LOW POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS6C6264 Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS6C6264 Datasheet HTML 1Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 2Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 3Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 4Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 5Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 6Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 7Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 8Page - Alliance Semiconductor Corporation AS6C6264 Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
8K X 8 BIT LOW POWER CMOS SRAM
Alliance Memory Inc. reserves the rights to change the specifications and products without
notice. Alliance Memory, Inc., 5
11 Taylor Way, San Carlos, CA 94070, USA
Tel: +1 650 610 6800 Fax: +1 650 620 9211
0
AS6C6264
REVISION HISTORY
Revision
Issue Date
1.0
Feb 2007
2.0
Description
Initial issue
Add-in industrial temperature option for 28-pin 600
mil PDIP.
Standby current(Isb1) reduced to be 20uA for
I-grade and 10uA for C grade
Ju
ly 2017


Similar Part No. - AS6C6264

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
AS6C6264A ALSC-AS6C6264A Datasheet
885Kb / 10P
Common data inputs and outputs
AS6C6264A-70PCN ALSC-AS6C6264A-70PCN Datasheet
885Kb / 10P
Common data inputs and outputs
AS6C6264A-70PIN ALSC-AS6C6264A-70PIN Datasheet
885Kb / 10P
Common data inputs and outputs
More results

Similar Description - AS6C6264

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
8K X 8 BIT CMOS SRAM
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
CMOS 8K x 8-Bit SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
LY6264_1008 LYONTEK-LY6264_1008 Datasheet
287Kb / 14P
8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
8K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
8K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com