Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-B1-02-R-02 Datasheet(PDF) 6 Page - Datalogic S.p.A.

Part # CS-B1-02-R-02
Description  Compact size and high performance for the most challenging detection applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATALOGIC [Datalogic S.p.A.]
Direct Link  https://www.datalogic.com/
Logo DATALOGIC - Datalogic S.p.A.

CS-B1-02-R-02 Datasheet(HTML) 6 Page - Datalogic S.p.A.

  CS-B1-02-R-02 Datasheet HTML 1Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 2Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 3Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 4Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 5Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 6Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 7Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 8Page - Datalogic S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CONTRAST
SWITCHING FREQUENCY
HOUSING
CONNECTION
OUTPUT
MODEL
ORDER NO.
10 kHz
METAL
Stainless Steel
M8 connector without
trimmer
PNP
S8-MR-5-W00-PH
950801360
NPN
S8-MR-5-W00-NH
950801370
M8 connector
PNP
S8-MR-5-W03-PP
950801340
NPN
S8-MR-5-W03-NN
950801350
PLASTIC
ABS
M12 pig-tail (150 mm)
PNP
S8-PR-3-W03-PP
950801140
NPN
S8-PR-3-W03-NN
950801150
M8 connector
PNP
S8-PR-5-W03-PP
950801060
NPN
S8-PR-5-W03-NN
950801070
25 kHz
METAL
Stainless Steel
M8 connector
PNP
S8-MR-5-W13-PP
950801670
NPN
S8-MR-5-W13-NN
950801680
PLASTIC
ABS
PNP
S8-PR-5-W13-PP
950801650
NPN
S8-PR-5-W13-NN
950801660
M12 pig-tail (150 mm)
PNP
S8-PR-3-W13-PP
950801690
NPN
S8-PR-3-W13-NN
950801700
LUMINESCENCE
HOUSING
SETTINGS
CONNECTION
OUTPUT
MODEL
ORDER NO.
METAL
Stainless Steel
Teach-in push-button;
L/D trimmer selector;
Remote input
M8 connector
PNP
S8-MR-5-U03-PP
950801630
NPN
S8-MR-5-U03-NN
950801640
PLASTIC
ABS
PNP
S8-PR-5-U03-PP
950801610
NPN
S8-PR-5-U03-NN
950801620
pig-tail
PNP
S8-PR-3-U03-PP
950801710
NPN
S8-PR-3-U03-NN
950801720
THROUGH BEAM
HOUSING
LIGHT EMISSION
CONNECTION
OUTPUT
MODEL
ORDER NO.
METAL
StainlessSteel
(INOXAISI346L)
LED
M8 connector
NPN
S8-MR-5-F01-NN
950801570
PNP
S8-MR-5-F01-PP
950801560
emitter
S8-MR-5-G00-XG
950801580
PLASTIC
ABS
pig-tail
NPN
S8-PR-3-F01-NN
950801530
PNP
S8-PR-3-F01-PP
950801520
emitter
S8-PR-3-G00-XG
950801550
M8 connector
NPN
S8-PR-5-F01-NN
950801510
PNP
S8-PR-5-F01-PP
950801500
emitter
S8-PR-5-G00-XG
950801540
DIFFUSE
HOUSING
LIGHT EMISSION
CONNECTION
OUTPUT
MODEL
ORDER NO.
METAL
StainlessSteel(INOX AISI346L)
LED
M8 connector
NPN
S8-MR-5-C01-NN
950801440
PNP
S8-MR-5-C01-PP
950801430
PLASTIC
ABS
pig-tail
NPN
S8-PR-3-C01-NN
950801270
PNP
S8-PR-3-C01-PP
950801250
M8 connector
NPN
S8-PR-5-C01-NN
950801260
PNP
S8-PR-5-C01-PP
950801240
www.datalogic.com
Compact Sensors - S8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com