Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS-B1-02-R-02 Datasheet(PDF) 1 Page - Datalogic S.p.A.

Part # CS-B1-02-R-02
Description  Compact size and high performance for the most challenging detection applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATALOGIC [Datalogic S.p.A.]
Direct Link  https://www.datalogic.com/
Logo DATALOGIC - Datalogic S.p.A.

CS-B1-02-R-02 Datasheet(HTML) 1 Page - Datalogic S.p.A.

  CS-B1-02-R-02 Datasheet HTML 1Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 2Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 3Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 4Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 5Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 6Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 7Page - Datalogic S.p.A. CS-B1-02-R-02 Datasheet HTML 8Page - Datalogic S.p.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IP69K
(*)
(*)
-Processing and Packaging machinery
-Beverage/Food/ Cosmetics/
Pharmaceutical industries
-Electronics assembling
APPLICATIONS
S8
Compact size and high performance for the most challenging
detection applications
• Compact dimensions (14x42x25 mm)
• Background suppression for transparent and shiny objects
• Contrast sensors up to 10 kHz switching frequency
• Extremely focused spot, under 1 mm (LASER model)
• Very high resolution LASER models
• INOX AISI 316L model
S8
Through beam
0…25 m
Polarized retroreflective
0,1…5 m
0…10 m (class 2 LASER)
Retroreflective for transparent (coaxial)
0...0,8 m (T51), 0...2 m (T53, T50)
Diffuse proximity
0…500 mm
Background suppression
50…300 mm
20…200 mm (class 2 LASER)
Background suppression for clear detection
100…300 mm (LED)
50…150 mm (class 2 LASER)
Contrast sensor
10 mm
Luminescence sensor
10…30 mm
Power supply
Vdc
10…30 V
Vac
Vac/dc
Output
PNP
NPN
NPN/PNP
relay
other
Connection
cable
connector
pig-tail
Approximate dimensions (mm)
14x42x25
Housing material
ABS, Stainless Steel AISI 316L
Mechanical protection
IP69K (Stainless Steel vers.), IP67
(*) Stainless steel models.
ATEX II 3DG
www.datalogic.com
Compact Sensors - S8


Similar Part No. - CS-B1-02-R-02

ManufacturerPart #DatasheetDescription
logo
Yealink Inc.
CS-BLACKCOVER YEALINK-CS-BLACKCOVER Datasheet
390Kb / 2P
Mesh Cover in Black
More results

Similar Description - CS-B1-02-R-02

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
MX150L MOLEX5-MX150L Datasheet
3Mb / 36P
The pre-assembled, submersible MX150L is a high performance connector system suitable for challenging, rugged and harsh applications.
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
ECO-S2HP680CA PANASONIC-ECO-S2HP680CA Datasheet
243Kb / 9P
Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
Compact size for general purpose and industrial applications
logo
Protech Systems Co., Lt...
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
Slim, Compact and High Performance Book Size PC
logo
KODENSHI_AUK CORP.
SG128 KODENSHI-SG128 Datasheet
142Kb / 3P
The most suitable detection distance
logo
List of Unclassifed Man...
TS121SZQ2 ETC2-TS121SZQ2 Datasheet
308Kb / 2P
Highest quality for the most demanding applications
logo
Lumileds Lighting Compa...
L128-FRD1003500000 LUMILEDS-L128-FRD1003500000 Datasheet
2Mb / 26P
The best performance, the most colors
20210816
logo
C&K Components
NANOT CK-COMPONENTS-NANOT Datasheet
201Kb / 2P
The Most Compact Nano Size Tact Switch
5 Jul 21
logo
List of Unclassifed Man...
G-SERIES ETC-G-SERIES Datasheet
609Kb / 2P
The first & most popular patented high-performance design
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com