Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP421 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMP421
Description  TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 17Page - Texas Instruments TMP421 Datasheet HTML 18Page - Texas Instruments TMP421 Datasheet HTML 19Page - Texas Instruments TMP421 Datasheet HTML 20Page - Texas Instruments TMP421 Datasheet HTML 21Page - Texas Instruments TMP421 Datasheet HTML 22Page - Texas Instruments TMP421 Datasheet HTML 23Page - Texas Instruments TMP421 Datasheet HTML 24Page - Texas Instruments TMP421 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
One-ShotStartRegister
ConfigurationRegisters
StatusRegister
IdentificationRegisters
N-FactorCorrectionRegisters
ConversionRateRegister
LocalandRemoteTemperatureRegisters
SDA
SCL
PointerRegister
I/O
Control
Interface
SoftwareReset
21
TMP421-Q1, TMP422-Q1, TMP423-Q1
www.ti.com
SBOS821 – NOVEMBER 2016
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Compatible with Two-Byte Read; see Figure 17.
(2)
TMP422-Q1.
(3)
TMP423-Q1.
(4)
X = undefined. Writing any value to this register initiates a one-shot start; see the One-Shot Conversion section.
8.6 Register Maps
The TMP421-Q1, TMP422-Q1, and TMP423-Q1 contain multiple registers for holding configuration information,
temperature measurement results, and status information. These registers are described in Figure 19 and
Table 6.
8.6.1 Pointer Register
Figure 19 shows the internal register structure of the TMP421-Q1, TMP422-Q1, and TMP423-Q1. The 8-bit
Pointer Register is used to address a given data register. The Pointer Register identifies which of the data
registers must respond to a read or write command on the two-wire bus. This register is set with every write
command. A write command must be issued to set the proper value in the Pointer Register before executing a
read command. Table 6 describes the pointer address of the TMP421-Q1, TMP422-Q1, and TMP423-Q1
registers. The power-on reset (POR) value of the Pointer Register is 00h (0000 0000b).
Figure 19. Internal Register Structure
Table 6. Register Map
POINTER
(HEX)
POR (HEX)
BIT DESCRIPTION
REGISTER DESCRIPTION
7
6
5
4
3
2
1
0
00
00
LT11
LT10
LT9
LT8
LT7
LT6
LT5
LT4
Local Temperature (High Byte)(1)
01
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature 1
(High Byte)(1)
02
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature 2
(High Byte)(1) (2) (3)
03
00
RT11
RT10
RT9
RT8
RT7
RT6
RT5
RT4
Remote Temperature 3
(High Byte)(1) (3)
08
BUSY
0
0
0
0
0
0
0
Status Register
09
00
0
SD
0
0
0
RANGE
0
0
Configuration Register 1
0A
1C/3C(2)/
7C(3)
0
REN3(3)
REN2(2) (3)
REN
LEN
RC
0
0
Configuration Register 2
0B
07
0
0
0
0
0
R2
R1
R0
Conversion Rate Register
0F
X
X
X
X
X
X
X
X
One-Shot Start(4)
10
00
LT3
LT2
LT1
LT0
0
0
PVLD
0
Local Temperature (Low Byte)
11
00
RT3
RT2
RT1
RT0
0
0
PVLD
OPEN
Remote Temperature 1 (Low Byte)
12
00
RT3
RT2
RT1
RT0
0
0
PVLD
OPEN
Remote Temperature 2
(Low Byte)(2) (3)
13
00
RT3
RT2
RT1
RT0
0
0
PLVD
OPEN
Remote Temperature 3 (Low Byte)(3)
21
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N Correction 1
22
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N Correction 2(2) (3)
23
00
NC7
NC6
NC5
NC4
NC3
NC2
NC1
NC0
N Correction 3(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com