Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP421 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMP421
Description  TMP42x-Q1 ±1°C Remote and Local Temperature Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMP421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMP421 Datasheet HTML 8Page - Texas Instruments TMP421 Datasheet HTML 9Page - Texas Instruments TMP421 Datasheet HTML 10Page - Texas Instruments TMP421 Datasheet HTML 11Page - Texas Instruments TMP421 Datasheet HTML 12Page - Texas Instruments TMP421 Datasheet HTML 13Page - Texas Instruments TMP421 Datasheet HTML 14Page - Texas Instruments TMP421 Datasheet HTML 15Page - Texas Instruments TMP421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
TMP421-Q1, TMP422-Q1, TMP423-Q1
SBOS821 – NOVEMBER 2016
www.ti.com
Product Folder Links: TMP421-Q1 TMP422-Q1 TMP423-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
Resolution is 1°C/count. Negative numbers are represented in 2s-complement format.
(2)
Resolution is 1°C/count. All values are unsigned with a –64°C offset.
8.3 Feature Description
8.3.1 Temperature Measurement Data
Temperature measurement data can be taken over an operating range of –40°C to +127°C for both local and
remote locations.
However, measurements from –55°C to +150°C can be made both locally and remotely by reconfiguring the
TMP421-Q1, TMP422-Q1, and TMP423-Q1 for the extended temperature range, as described as follows.
Temperature data that result from conversions within the default measurement range are represented in binary
form, as shown in Table 1, 2s Complement Standard Binary column. Note that although the device is rated to
only measure temperatures down to –55°C, the device can read temperatures below this level. However, any
temperature below –64°C results in a data value of –64 (C0h). Likewise, temperatures above 127°C result in a
value of 127 (7Fh). The device can be set to measure over an extended temperature range by changing bit 2
(RANGE) of Configuration Register 1 from low to high. The change in measurement range and data format from
standard binary to extended binary occurs at the next temperature conversion. For data captured in the extended
temperature range configuration, an offset of 64 (40h) is added to the standard binary value, as shown in the
Extended Binary column of Table 1. This configuration allows measurement of temperatures as low as –64°C,
and as high as 191°C; however, most temperature-sensing diodes only measure with the range of –55°C to
+150°C. Additionally, the TMP421-Q1, TMP422-Q1, and TMP423-Q1 are rated only for ambient temperatures
ranging from –40°C to +125°C. Parameters in the Absolute Maximum Ratings table must be observed.
Table 1. Temperature Data Format (Local and Remote Temperature High Bytes)
TEMPERATURE
(°C)
LOCAL/REMOTE TEMPERATURE REGISTER
HIGH BYTE VALUE (1°C RESOLUTION)
2s COMPLEMENT STANDARD BINARY(1)
EXTENDED BINARY(2)
BINARY
HEX
BINARY
HEX
–64
1100 0000
C0
0000 0000
00
–50
1100 1110
CE
0000 1110
0E
–25
1110 0111
E7
0010 0111
27
0
0000 0000
00
0100 0000
40
1
0000 0001
01
0100 0001
41
5
0000 0101
05
0100 0101
45
10
0000 1010
0A
0100 1010
4A
25
0001 1001
19
0101 1001
59
50
0011 0010
32
0111 0010
72
75
0100 1011
4B
1000 1011
8B
100
0110 0100
64
1010 0100
A4
125
0111 1101
7D
1011 1101
BD
127
0111 1111
7F
1011 1111
BF
150
0111 1111
7F
1101 0110
D6
175
0111 1111
7F
1110 1111
EF
191
0111 1111
7F
1111 1111
FF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com