Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSW Datasheet(PDF) 2 Page - Crydom Inc.,

Part # CSW
Description  Panel Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CSW Datasheet(HTML) 2 Page - Crydom Inc.,

  CSW Datasheet HTML 1Page - Crydom Inc., CSW Datasheet HTML 2Page - Crydom Inc., CSW Datasheet HTML 3Page - Crydom Inc., CSW Datasheet HTML 4Page - Crydom Inc., CSW Datasheet HTML 5Page - Crydom Inc., CSW Datasheet HTML 6Page - Crydom Inc., CSW Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DataSheet
Panel Mount
GENERAL SPECIFICATIONS (1)
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
4000 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
10 pF
Ambient Operating Temperature Range
-40 to 80 °C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
2.6 oz (74.9 g)
Housing Material
UL94 V-0
Baseplate Material
Aluminum
Input Terminal Screw Torque Range (in-lbs/Nm)
13-15/1.5-1.7
Load Terminal Screw Torque Range (in-lbs/Nm)
18-20/2.0-2.2
SSR Mounting Screw Torque Range (in-lbs/Nm)
18-20/2.0-2.2
Humidity
85% non-condensing
LED Status Indicator (Color)
w/”G” option (green)
MTBF (Mean Time Between Failures) at 40°C ambient temperature (15)
11,641,553 hours (1,328 years)
MTBF (Mean Time Between Failures) at 60°C ambient temperature (15)
7,210,376 hours (823 years)
Input/Load Terminal Screw Torque Range (in-lbs/Nm) (14)
w/”K” option 8-10 / 0.9-1.13
WIRING DIAGRAM
1
4
2
3
S OL I D S T A T E R EL A Y
OUTPUT
INPUT
Load (13)
V
4 (–)
3 (+)
1 ( )
2 ( )
AC
Recommended Wire Sizes
Terminals
Wire Size
(Solid / Stranded)
Wire Pull-Out
Strength (lbs)[N]
Input
Output
24 AWG (0.2 mm2) / 0.2 [minimum]
2 x 12 AWG (3.3 mm2) / 3.3 [maximum]
20 AWG (0.5 mm2) / 0.518 [minimum]
2 x 10 AWG (5.3 mm2) / 5.3
2 x 8 AWG (8.4 mm2) / 8.4 [maximum]
10 [44.5]
90 [400]
30 [133]
110 [490]
90 [400]
Input Current vs Input Voltage
Standard Regulated “DC” Inputs
25
20
15
10
5
0
0
5
10
15
20
25
30
DC Input Voltage
-DC 4
+DC 3
Current
Limiter
Trigger
Circuit
1 AC
2 AC
(10)
(11)
(12)
EQUIVALENT CIRCUIT BLOCK DIAGRAM
Do not forget to visit us at: www.crydom.com
Copyright © 2014 Crydom Inc. Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com