Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSW Datasheet(PDF) 3 Page - Crydom Inc.,

Part # CSW
Description  Panel Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

CSW Datasheet(HTML) 3 Page - Crydom Inc.,

  CSW Datasheet HTML 1Page - Crydom Inc., CSW Datasheet HTML 2Page - Crydom Inc., CSW Datasheet HTML 3Page - Crydom Inc., CSW Datasheet HTML 4Page - Crydom Inc., CSW Datasheet HTML 5Page - Crydom Inc., CSW Datasheet HTML 6Page - Crydom Inc., CSW Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DataSheet
Panel Mount
MECHANICAL SPECIFICATIONS (1)
Screw Termination
1
OUTPUT
2
S O L I D S T A T E R E L A Y
4
INPUT
3
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
0.89
[22.6]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
Hex Standoff Termination (“K” Option)
1.1
[27.9]
0.49
[12.4]
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.04
[26.4]
1.88
[47.6]
1.70
[43.2]
2.25
[57.3]
1.0
[25.4]
1.75
[44.5]
0.93
[23.6]
(4 places)
1.0
[25.4]
(2 places)
1
OUTPUT
2
S O L I D S T A T E R E L A Y
4
INPUT
3
(14)
Quick Connect Termination (“F” Option) - Up to 25 Amp (7)
1
OUTPUT
2
S O L I D S T A T E R E L A Y
4
INPUT
3
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.58
[40.2]
0.49
[12.4]
Faston Terminal(16)
0.25 x 0.032
(2 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.40
[35.6]
1.75
[44.5]
Faston Terminal(16)
0.187 x 0.020
(2 places)
1.25
[31.8]
Quick Connect Termination (“F” Option) - Up to 50 Amp (7)
1
4
2
3
S O L I D S T A T E R E L A Y
OUTPUT
INPUT
Mounting
Hole/Slot
0.19 [4.9]
DIA.
1.58
[40.2]
0.49
[12.4]
Faston Terminal
(16)
0.25 x 0.032
(4 places)
1.31
[33.4]
1.88
[47.6]
1.7
[43.2]
2.25
[57.3]
1.40
[35.6]
1.75
[44.5]
Faston Terminal
(16)
0.187 x 0.020
(2 places)
1.25
[31.8]
0.63
[16.0]
0.45
[11.4]
(2 places)
GENERAL NOTES
(1) All parameters at 25°C unless otherwise specified.
(2) For “S” option, operating voltage frequency is 47-63Hz.
(3) For parts with option “S” maximum leakage current is 10mA.
(4) Heat sinking required, see derating curves.
For “K” option maximum current up to 50 Amp.
(5) Increase minimum voltage by 1V for operations from -20 to -40°C.
(6) Turn-on time for instantaneous turn-on version (”-10” option) is 0.1ms.
(7) Single pair (up to 25A) Double pair* (up to 50A). *Caution: User must connect both pairs.
(8) Output will self trigger between 450-600Vpk, not suituable for capacitive loads.
(9) Instantaneous turn-on version is not recomended for capacitive loads. Use zero turn-on only.
(10) Elective Input Status LED, “G” option.
(11) Elective Overvoltage Protection, “P” option.
(12) Elective Internal Snubber, “S” option.
(13) Load can be wired to either SSR output terminal 1 or 2.
(14) Option “K” is intended only for use in attaching a printed circuit board to the SSR or mounting the SSR to a printed circuit board (PCB minimum thickness is 0.031 in)
(15)
All parameters at 50% power rating and 100% duty cycle (contact Crydom tech support for detailed report).
(16)
Mechanical dimensions vary from G3 models.
Do not forget to visit us at: www.crydom.com
Copyright © 2014 Crydom Inc. Specifications subject to change without notice.
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in: inches [millimeters]
For additional information or specific questions, contact Crydom Technical Support.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com