Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4516BEY Datasheet(PDF) 2 Page - STMicroelectronics

Part # HCF4516BEY
Description  PRESETTABLE UP/DOWN COUNTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4516BEY Datasheet(HTML) 2 Page - STMicroelectronics

  HCF4516BEY Datasheet HTML 1Page - STMicroelectronics HCF4516BEY Datasheet HTML 2Page - STMicroelectronics HCF4516BEY Datasheet HTML 3Page - STMicroelectronics HCF4516BEY Datasheet HTML 4Page - STMicroelectronics HCF4516BEY Datasheet HTML 5Page - STMicroelectronics HCF4516BEY Datasheet HTML 6Page - STMicroelectronics HCF4516BEY Datasheet HTML 7Page - STMicroelectronics HCF4516BEY Datasheet HTML 8Page - STMicroelectronics HCF4516BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FUNCTIONAL DIAGRAM
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Val ue
Unit
VDD *
Supply Voltage
-0.5 to +18
V
Vi
Input Voltage
-0.5 to VDD + 0.5
V
II
DC Input Current (any one input)
± 10
mA
Ptot
Total Power Dissipation (per package)
Dissipation per Output Transistor
for Top = Full Package Temperature Range
200
100
mW
mW
Top
Operating Temperature
-40 to +85
oC
Tstg
Storage Temperature
-65 to +150
oC
Stresses above those listedunder ”Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and functional
operation ofthe device atthese or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to
absolute maximum ratingconditions for external periods may affect device reliability.
* Allvoltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Val ue
Unit
VDD
Supply Voltage
3 to 15
V
VI
Input Voltage
0 to VDD
V
Top
Operating Temperature
-40 to +85
oC
TRUTH TABLE
CL
CI
U/D
PE
R
Actio n
X
1
X
0
0
No Count
0100
Count Up
0000
Count Down
X
X
X
1
0
Preset
XXXX
1
Reset
X= Don’t care
HCF4510B/4515B
2/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com