Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCF4516BEY Datasheet(PDF) 6 Page - STMicroelectronics

Part # HCF4516BEY
Description  PRESETTABLE UP/DOWN COUNTERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4516BEY Datasheet(HTML) 6 Page - STMicroelectronics

Back Button HCF4516BEY Datasheet HTML 2Page - STMicroelectronics HCF4516BEY Datasheet HTML 3Page - STMicroelectronics HCF4516BEY Datasheet HTML 4Page - STMicroelectronics HCF4516BEY Datasheet HTML 5Page - STMicroelectronics HCF4516BEY Datasheet HTML 6Page - STMicroelectronics HCF4516BEY Datasheet HTML 7Page - STMicroelectronics HCF4516BEY Datasheet HTML 8Page - STMicroelectronics HCF4516BEY Datasheet HTML 9Page - STMicroelectronics HCF4516BEY Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb =25
oC, CL =50 pF, RL = 200 KΩ,
typical temperaturecoefficent for all VDD values is 03 %/
oC, all input rise and fall times= 20 ns)
Symb ol
Parameter
T est Cond ition s
Value
Un it
VDD
(V)
Min.
Typ.
Max.
tPHL
tPLH
Propagation Delay Time Clock to Q Output
5
200
400
ns
10
100
200
15
75
150
tPHL
tPLH
Propagation Delay Time Preset or Reset to
Q Output
5
210
420
ns
10
105
210
15
80
160
tPHL
tPLH
Propagation Delay Time Clock to Carry Out
5
240
480
ns
10
120
240
15
90
180
tPHL
tPLH
Propagation Delay Time Carry In to Carry
Out
5
125
250
ns
10
60
120
15
50
100
tPHL
tPLH
Propagation Delay Time Preset or Reset to
Carry Out
5
320
640
ns
10
160
320
15
125
250
tTHL
tTLH
Transition Time
5
100
200
ns
10
50
100
15
40
80
fMAX
Max Clock Frequency
5
2
4
MHz
10
4
8
15
5.5
11
tW
Clock Pulse Width
5
150
ns
10
75
15
60
Preset Enable or Reset Removal Time (1)
5
150
ns
10
80
15
60
tr,tf
Clock Rise and Fall Time (2)
5
15
µs
10
5
15
5
tsetup
Carry In Setup Time
5
130
ns
10
60
15
45
tsetup
Up Down Setup Time
5
360
ns
10
160
15
110
tW
Preset Enable or Reset Pulse Width
5
220
ns
10
100
15
75
(1) Timerequired after the falling edge of the reset or preset enable inuts before the rising edge ofthe clock will trigger the counter (similar to setuptime).
(2) Ifmore than unit is cascated in the parallel clocked application, trCL should be made less than or equal to the sum of the fixed propagation delay at
15pF and the transition timeof the carry output driving stage ofthe estimated capacitive load.
HCF4510B/4515B
6/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com