Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG100LP Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG100LP
Description  Low-Profile Direct-Drive Gimbals
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG100LP Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG100LP Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG100LP Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG100LP Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG100LP Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG100LP Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG100LP Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.aerotech.com
AMG-LP
Low-Profile Direct-Drive Gimbals
Continuous 360° rotation of azimuth and
elevation including built-in slip ring
High accuracy angular position and rate
capability
Direct-drive brushless servomotors result in
zero backlash
Cog-free design for outstanding velocity
stability
Accommodate loads up to 200 mm in diameter
Low maintenance and high reliability provide
the lowest cost of ownership
Aerotech’s AMG-LP (Low Profile) position and rate
gimbal mounts provide ultra-precise angular position, rate,
and acceleration for development and production testing
of a wide range of systems. The AMG-LP series is ideal
for directing optics, lasers, antennas, and sensors at high
speed to precise pointing angles. Typical applications
include missile seeker test and calibration, electro-optical
sensor and FLIR testing, optical testing of sensors in a
vacuum, and angular testing of inertial sensors such as
gyros, MEMS, and accelerometers. The AMG-LP gimbal
provides high performance at an affordable price. The finest
quality motors, bearings, and encoders are integrated into
precision-machined housings to ensure peak performance.
Low Profile
By incorporating our low profile direct-drive rotary stages,
the AMG-LP series is capable of speeds and accelerations
that are significantly higher than other competing products
of this size. These gimbals have a lower profile compared
to competing products within given torque ranges. This
results in a smaller and more effective gimbal for many
applications where beam height and chamber volume are of
utmost concern.
Accurate 360° Positioning and Rate Generation
Direct-drive brushless torque motors, with rare-earth
magnets and high-accuracy angular transducers, are coupled
directly to precision shafts for accurate and smooth 360°
continuous motion. The absence of gear trains and other
drive mechanisms eliminates position error contributions
due to mechanical hysteresis and backlash. Directly-
coupled high-resolution position feedback devices ensure
highly accurate and repeatable positioning.
A wide-range of performance feedback grades is available.
Typical line gimbal resolution ranges from 0.87 to 0.32
µrad with Aerotech controls. Built-in azimuth slip ring
provides for continuous rotation with no cable wrap up.
Mirror and Alternate Payload Accommodation
A variety of mirror cell diameters are available for standard
optic applications. We also provide for custom payload
attachment solutions for various device interfaces. Each
gimbal mirror cell can be modified or replaced with
different shaped cells to accommodate sensors or other odd
shaped payloads.


Similar Part No. - AMG100LP

ManufacturerPart #DatasheetDescription
logo
AEROTECH US. ALL RIGHTS...
AMG AEROTECH-AMG Datasheet
1Mb / 8P
Direct-Drive Gimbals
logo
alpha microelectronics ...
AMG-DF102 ALPHA-MICRO-AMG-DF102 Datasheet
566Kb / 12P
Full Bridge MOSFET/IGBT Driver up to 600V
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
Timer/Dimmer with Gate Driver, Zero Detection & Protection
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
High Efficiency Step Down LED Driver for High Brightness LED and OLED
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
Family of HV LED Driver Modules
More results

Similar Description - AMG100LP

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC204 SONIX-SNC204 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC205 SONIX-SNC205 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
SNC204S SONIX-SNC204S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC205S SONIX-SNC205S Datasheet
101Kb / 11P
Direct Drive Speech Controller
logo
Kersemi Electronic Co.,...
KSM12N20L KERSEMI-KSM12N20L Datasheet
1Mb / 7P
Low level gate drive requirement allowing direct
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com