Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG Datasheet (PDF) - AEROTECH US. ALL RIGHTS RESERVED.

AMG Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.
Part # AMG
Download  AMG Download
File Size   1036.61 Kbytes
Page   8 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Direct-Drive Gimbals

AMG Datasheet (PDF)

Go To PDF Page Download Datasheet
AMG Datasheet PDF - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG
Download  AMG Click to download

File Size   1036.61 Kbytes
Page   8 Pages
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.
Description Direct-Drive Gimbals

AMG Datasheet (HTML) - AEROTECH US. ALL RIGHTS RESERVED.


AMG Product details

KEY FEATURES:

‹ Provides CONTINUOUS 360°
ROTATION in both azimuth & elevation
‹ Accommodates PAYLOADS UP TO
600 mm diameter
‹ U LTRA-PRECISE POSITIONING &
SMOOTH TRACKING thanks to highresolution
encoder feedback
‹ Ironless direct-drive motors provide
OUTSTANDING VELOCITY
STABILITY & LONG-TERM
RELIABILITY
‹ C USTOMIZABLE DESIGN to suit
your application, including special
payload cells, yokes, travel range,
environmental conditions & more




Similar Part No. - AMG

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-DF102 ALPHA-MICRO-AMG-DF102 Datasheet
566Kb / 12P
Full Bridge MOSFET/IGBT Driver up to 600V
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
Timer/Dimmer with Gate Driver, Zero Detection & Protection
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
High Efficiency Step Down LED Driver for High Brightness LED and OLED
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
Family of HV LED Driver Modules
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
More results


Similar Description - AMG

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC204 SONIX-SNC204 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC205 SONIX-SNC205 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
SNC204S SONIX-SNC204S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC205S SONIX-SNC205S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC208S SONIX-SNC208S Datasheet
100Kb / 11P
Direct Drive Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com