Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG Datasheet(PDF) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG
Description  Direct-Drive Gimbals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG Datasheet(HTML) 6 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
aerotech.com
AMG DIMENSIONS
AMG400
499
196.9
828.9
778.9
195.7
414.5
AZIMUTH
CL
MOTOR
:AZIMUTH
FEEDBACK
MOTOR
:ELEVATION
FEEDBACK
836.6 DIAMETRAL CLEARANCE
360
ELEVATION
CL
170
SQR
409.4
393.7
475
482.8 DIAMETRAL CLEARANCE
4X 7 THRU ALL
11 6
DIMENSIONS: MILLIMETERS
NOTE - THIS PRODUCT IS EXPORT CONTROLLED: ECCN 2B120
REVISIONS
MCN
REV.
DESCRIPTION
DATE
APPROVED
18076
A
CLEAN UP DRAWING AND UPDATE SHEET FORMAT
1/9/17
SMARCKS
ECO0004787
B
INCLUDED EXPORT CONTROL NOTE
09-NOV-22
JMAGLOSKY
TBYRNE
MODEL BY:
MODEL FILENAME:
AMG-400
B
AMG400
PART CODE:
400 MM NOMINAL APERTURE
AMG400-CAT
PART NAME:
DWG. NO.
REV
AMG400 DIRECT-DRIVE GIMBAL
SHEET 1 OF 1
09-JAN-17
DATE
SMARCKS
DRAW
SMARCKS
SMARCKS
NAME
CHECK
APPR.
09-JAN-17
09-JAN-17
PLACE DRAWING VIEWS BELOW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com