Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG Datasheet(PDF) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG
Description  Direct-Drive Gimbals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG Datasheet(HTML) 2 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
aerotech.com
AMG SERIES SPECIFICATIONS
AMG ENCODER FEEDBACK DETAILS
Model
Feedback
Azimuth
Elevation
AMG200
-E4
-E5
-E6
14,452 lines/rev
4.48 arc sec
0.45 arc sec
14,452 lines/rev
4.48 arc sec
0.45 arc sec
AMG300
AMG400
-E4
-E5
-E6
22,304 lines/rev
2.91 arc sec
0.29 arc sec
14,452 lines/rev
4.48 arc sec
0.45 arc sec
AMG500
AMG600
-E4
-E5
-E6
22,304 lines/rev
2.91 arc sec
0.29 arc sec
22,304 lines/rev
2.91 arc sec
0.29 arc sec
Basic Model
AMG200
AMG300
AMG400
AMG500
AMG600
Travel
360° continous, AZ/EL
Maximum Bus Voltage
340 VDC
Maximum Torque (Continuous)
Azimuth
2.36 N·m
11.12 N·m
11.12 N·m
19.71 N·m
19.71 N·m
Elevation
2.36 N·m
2.36 N·m
2.36 N·m
11.12 N·m
11.12 N·m
Clear Aperture Diameter(1)
194 mm
292 mm
394 mm
489 mm
591 mm
Accuracy
±24 to ±144 µrad(2) (±5 to ±30 arc sec)
Repeatability
±2.4 µrad (±0.5 arc sec)
Maximum Rotary Speed(3)
100 rpm
100 rpm
100 rpm
50 rpm
50 rpm
Maximum Load Capability
20 kg
40 kg
40 kg
70 kg
70 kg
Axis Wobble
48 µrad (10 arc sec)
Orthogonality
24 µrad (5 arc sec)
Standard Finish
Black Anodize with Hard-Coated Cell
Max Component Diameter(4)
206 mm
306 mm
407 mm
509 mm
610 mm
Nomincal Component Thickness
41 mm
54 mm
64 mm
95 mm
102 mm
Mass (Without Mirror)
29 kg
47 kg
54 kg
116 kg
137 kg
Inertia AZ(5)
0.97 kg·m2
1.877 kg·m2
2.71 kg·m2
10.4 kg·m2
14.94 kg·m2
Intertia EL(5)
0.019 kg·m2
0.105 kg·m2
0.27 kg·m2
0.974 kg·m2
2.33 kg·m2
Notes:
1. Special cell adapters and slip ring assemblies by special order.
2. ±24 µrad calibrated; ±144 µrad uncalibrated.
3. Maximum speed based on stage capability; maximum application velocity may be limited by system data rate and sytem resolution.
4. Tolerance equals +0/-0.25.
5. Unloaded inertia.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com