Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG Datasheet(PDF) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG
Description  Direct-Drive Gimbals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG Datasheet(HTML) 1 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Smooth, Stable Pointing, Tracking & Simulation
Our AMG-series motorized gimbals deliver the smoothest, most stable and
precise rotary motion in an elevation-over-azimuth format. Harnessing the
power of direct-drive motor technology and high-resolution position feedback,
AMG gimbals provide maximum performance and reliability for defense,
industrial and R&D applications. Plus, we can provide as much or as little
customization as you need. Whether your application involves tracking a
target, steering a beam, pointing an optic or antenna, or simulating complex
motion, AMG gimbals are the preferred choice for professionals who demand
the highest levels of precision, stability and reliability without compromise.
Key Applications
AMG direct-drive gimbals are extremely precise and robust, making
them ideal for high-performance pointing, tracking and motion simulation
applications, such as:
‹
Missile seeker testing & calibration
‹
Electro-optical sensor testing
‹
Airborne target tracking
‹
Motion simulation
‹
Inertial sensor testing, including gyroscopes, accelerometers
& other MEMS devices
‹
Inertial navigation system testing & qualification
‹
Optical testing of space-based sensors in vacuum
‹
Pointing of optics, lasers, antennas & more
‹
Integration into gimbal systems
KEY FEATURES:
Direct-Drive Gimbals
AMG
‹
Provides CONTINUOUS 360°
ROTATION in both azimuth & elevation
‹
Accommodates PAYLOADS UP TO
600 mm diameter
‹
ULTRA-PRECISE POSITIONING &
SMOOTH TRACKING thanks to high-
resolution encoder feedback
‹
Ironless direct-drive motors provide
OUTSTANDING VELOCITY
STABILITY & LONG-TERM
RELIABILITY
‹
CUSTOMIZABLE DESIGN to suit
your application, including special
payload cells, yokes, travel range,
environmental conditions & more


Similar Part No. - AMG

ManufacturerPart #DatasheetDescription
logo
alpha microelectronics ...
AMG-DF102 ALPHA-MICRO-AMG-DF102 Datasheet
566Kb / 12P
Full Bridge MOSFET/IGBT Driver up to 600V
AMG-LI080 ALPHA-MICRO-AMG-LI080 Datasheet
428Kb / 24P
Timer/Dimmer with Gate Driver, Zero Detection & Protection
AMG-LL75X ALPHA-MICRO-AMG-LL75X Datasheet
913Kb / 12P
High Efficiency Step Down LED Driver for High Brightness LED and OLED
AMG-LL7AXX ALPHA-MICRO-AMG-LL7AXX Datasheet
667Kb / 14P
Family of HV LED Driver Modules
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
Universal High Voltage Single Channel LED Driver
More results

Similar Description - AMG

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1191 OKI-MSC1191 Datasheet
481Kb / 9P
DIRECT DRIVE SPEAKER AMPLIFIER
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC204 SONIX-SNC204 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC205 SONIX-SNC205 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
logo
Estek Electronics Co. L...
ICL7116 ESTEK-ICL7116 Datasheet
245Kb / 4P
Direct Display Drive
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
SNC204S SONIX-SNC204S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC205S SONIX-SNC205S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC208S SONIX-SNC208S Datasheet
100Kb / 11P
Direct Drive Speech Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com