Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMG Datasheet(PDF) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

Part # AMG
Description  Direct-Drive Gimbals
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROTECH [AEROTECH US. ALL RIGHTS RESERVED.]
Direct Link  https://www.aerotech.com/
Logo AEROTECH - AEROTECH US. ALL RIGHTS RESERVED.

AMG Datasheet(HTML) 3 Page - AEROTECH US. ALL RIGHTS RESERVED.

  AMG Datasheet HTML 1Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 2Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 3Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 4Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 5Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 6Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 7Page - AEROTECH US. ALL RIGHTS RESERVED. AMG Datasheet HTML 8Page - AEROTECH US. ALL RIGHTS RESERVED.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
aerotech.com
AMG SERIES ORDERING OPTIONS
AMG Series Direct-Drive Gimbals
AMG200
AMG200 direct-drive gimbal, 200 mm nominal aperture
AMG300
AMG300 direct-drive gimbal, 300 mm nominal aperture
AMG400
AMG400 direct-drive gimbal, 400 mm nominal aperture
AMG500
AMG500 direct-drive gimbal, 500 mm nominal aperture
AMG600
AMG600 direct-drive gimbal, 600 mm nominal aperture
Feedback (Required)
-E4
Incremental encoder, 1 Vpp
-E5
Incremental encoder, digital RS422
-E6
Incremental encoder, digital RS422, high resolution
Metrology (Required)
-PL1
Metrology, uncalibrated with performance plots
-PL2
Metrology, calibrated (HALAR) wtih performance plots
Integration (Required)
Aerotech offers both standard and custom integration services to help you get your system fully operational
as quickly as possible. The following standard integration options are available for this system. Please
consult Aerotech if you are unsure what level of integration is required, or if you desire custom integration
support with your system.
-TAS
Integration - Test as system
Testing, integration, and documentation of a group of components as a complete system
that will be used together (ex: drive, controller, and stage). This includes parameter file
generation, system tuning, and documentation of the system configuration.
-TAC
Integration - Test as components
Testing and integration of individual items as discrete components that ship together.
This is typically used for spare parts, replacement parts, or items that will not be used
together. These components may or may not be part of a larger system.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com