Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC Datasheet(PDF) 2 Page - Multicomp Pro

Part # PVC
Description  PVC Insulating Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PVC Datasheet(HTML) 2 Page - Multicomp Pro

  PVC Datasheet HTML 1Page - Multicomp Pro PVC Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.0
02/04/20
PVC Insulating Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Description
AWG
Size
Nominal I.D
Nominal Wall
Thickness
Spool
Size
(Feet)
Part Number
Inches
(mm)
Inches
(mm)
Colour Black
Colour Clear
PVC Insulating
Tubing
24
0.022
0.56
0.012
0.30
100
PVI-S24-1100-BLK
PVI-S24-1100-CLR
22
0.027
0.69
PVI-S22-1100-BLK
PVI-S22-1100-CLR
20
0.034
0.86
0.016
0.41
PVI-S20-1100-BLK
PVI-S20-1100-CLR
19
0.038
0.97
PVI-S19-1100-BLK
N/A
18
0.042
1.07
PVI-S18-1100-BLK
PVI-S18-1100-CLR
17
0.047
1.19
PVI-S17-1100-BLK
PVI-S17-1100-CLR
16
0.053
1.35
PVI-S16-1100-BLK
PVI-S16-1100-CLR
15
0.059
1.50
PVI-S15-1100-BLK
PVI-S15-1100-CLR
14
0.066
1.68
PVI-S14-1100-BLK
PVI-S14-1100-CLR
13
0.076
1.93
PVI-S13-1100-BLK
PVI-S13-1100-CLR
12
0.085
2.16
PVI-S12-1100-BLK
PVI-S12-1100-CLR
11
0.095
2.41
PVI-S11-1100-BLK
PVI-S11-1100-CLR
10
0.106
2.69
PVI-S10-1100-BLK
N/A
9
0.118
3.00
0.020
0.51
PVI-S09-1100-BLK
8
0.133
3.38
PVI-S08-1100-BLK
PVI-S08-1100-CLR
7
0.148
3.76
PVI-S07-1100-BLK
PVI-S07-1100-CLR
6
0.166
4.22
PVI-S06-1100-BLK
PVI-S06-1100-CLR
5
0.186
4.72
PVI-S05-1100-BLK
PVI-S05-1100-CLR
4
0.208
5.28
PVI-S04-1100-BLK
PVI-S04-1100-CLR
3
0.234
5.94
PVI-S03-1100-BLK
PVI-S03-1100-CLR
2
0.263
6.68
PVI-S02-1100-BLK
PVI-S02-1100-CLR
1
0.294
7.47
PVI-S01-1100-BLK
N/A
5/16"
0.313
7.95
0.025
0.64
PVI-020-1100-BLK
PVI-020-1100-CLR
0
0.330
8.38
PVI-S00-1100-BLK
N/A
3/8"
0.375
9.53
PVI-024-1100-BLK
PVI-024-1100-CLR
7/16"
0.438
11.13
PVI-028-1100-BLK
N/A
1/2"
0.500
12.70
PVI-032-1100-BLK
5/8"
0.625
15.88
0.030
0.76
PVI-040-1100-BLK
3/4”
0.750
19.05
0.035
0.89
50
PVI-048-1050-BLK
1"
1.000
25.40
PVI-064-1050-BLK
2"
2.000
50.80
0.06
1.52
PVI-128-1050-BLK
9
0.118
3.00
0.020
0.51
500
PVI-S09-1500-BLK
18
0.042
1.07
0.016
0.41
500
N/A
PVI-S18-1500-CLR
Part Number Table
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. Multicomp Pro is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com