Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC Datasheet(PDF) 1 Page - Multicomp Pro

Part # PVC
Description  PVC Insulating Tubing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

PVC Datasheet(HTML) 1 Page - Multicomp Pro

  PVC Datasheet HTML 1Page - Multicomp Pro PVC Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
02/04/20
PVC Insulating Tubing
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Specifications:
Body Material
: PVC
For Use With
: Cable & Wire
Sleeving / Tubing Type
: Insulating
Operating Temperature Range
: -20°C to +105°C
Features:
• UL Subject 224 VW-1. CSA OFT, Size# 24 - Size# 1 rated for 300V, Size 5/16” to 2” rated for 600V. ASTM D 922.
AMS 3631. MIL-1-631 D Grade C QPL Approved.
• UL File No. E52331
Property
Test Method
Typical Volume
Specific Gravity
ASTM D 792
1.32
Durometer Shore A
ASTM D 2240
91
Tensile Strength
ASTM D 876
2,800psi
Elongation
ASTM D 876
2.88
Brittleness Temperature
ASTM D 746
-20°C
Heat Aging 7 Days @ 136°C
UL Subject 224
81%
Heat Aging 14 Days@ 131°C
CSA 22.2 No.198
Pass
Oil Aging 4 Hours @ 70°C SAE 20
CSA 22.2 No.198
85%
Insulating Varnish Test 20 hours @
150°C in lsonel 31
CSA 22.2 No.198
Pass
Flammability
UL Subject 224 VW-1
Pass
Deformation 1 hour @ 121°c
UL Subject 224
22%
Volume Resistivity
ASTM D 257
5.4 × 1012
Dielectric Constant @ 1 KHz
ASTM D 150
6.0
Dissipation Factor@ 1KHz
ASTM D 150
0.09


Similar Part No. - PVC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVC-1 ETC-PVC-1 Datasheet
992Kb / 8P
Low Voltage and Power Applications
January 2016
logo
Pro-Power
PVC-1-0-CL PROPOWER-PVC-1-0-CL Datasheet
206Kb / 2P
Sleeving
V1.1 28/07/15
logo
Multicomp Pro
PVC-1-0-CL MULTICOMP-PVC-1-0-CL Datasheet
225Kb / 2P
Sleeving
04/12/20 V1.0
logo
Pro-Power
PVC-1-0-CL PROPOWER-PVC-1-0-CL Datasheet
209Kb / 2P
Sleeving
V1.2 17/04/20
logo
Multicomp Pro
PVC-1-0-CL MULTICOMP-PVC-1-0-CL Datasheet
225Kb / 2P
Sleeving
V1.0 04/12/20
More results

Similar Description - PVC

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TRV-160 MACOM-TRV-160 Datasheet
46Kb / 2P
Electrically insulating PVC heat shrinkable tubing
logo
PHOENIX CONTACT
0311579 PHOENIX-0311579 Datasheet
48Kb / 2P
Insulating sleeve - PS-IH RD - 0311579
logo
List of Unclassifed Man...
561-MP1010 ETC2-561-MP1010 Datasheet
273Kb / 2P
Mini Insulating Bushing
561-MP2502 ETC2-561-MP2502 Datasheet
293Kb / 2P
STANDARD INSULATING BUSHINGS
7721-8PPSG ETC2-7721-8PPSG Datasheet
103Kb / 2P
Standard Products - Insulating Shoulder Washers
logo
Switchcraft, Inc.
S4263 SWITCH-S4263 Datasheet
71Kb / 2P
INSULATING WASHER
logo
PHOENIX CONTACT
3202481 PHOENIX-3202481 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
3202520 PHOENIX-3202520 Datasheet
97Kb / 2P
Ferrules Without Insulating Collar
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
Tubing
G120NF14 ALPHAWIRE-G120NF14 Datasheet
207Kb / 3P
Tubing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com