Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF540
Description  N - CHANNEL100V - 00.50ohm - 30A - TO-220/TO-220FI POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF540 Datasheet(HTML) 1 Page - STMicroelectronics

  IRF540 Datasheet HTML 1Page - STMicroelectronics IRF540 Datasheet HTML 2Page - STMicroelectronics IRF540 Datasheet HTML 3Page - STMicroelectronics IRF540 Datasheet HTML 4Page - STMicroelectronics IRF540 Datasheet HTML 5Page - STMicroelectronics IRF540 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRF540
IRF540FI
N - CHANNEL100V - 00.50
Ω - 30A - TO-220/TO-220FI
POWER MOSFET
s
TYPICAL RDS(on) = 0.050
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
s
LOW GATE CHARGE
s
HIGH CURRENT CAPABILITY
s
175
oC OPERATING TEMPERATURE
s
APPLICATION ORIENTED
CHARACTERIZATION
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SOLENOID AND RELAY DRIVERS
s
DC-DC & DC-AC CONVERTER
s
AUTOMOTIVE ENVIRONMENT (INJECTION,
ABS, AIR-BAG, LAMP DRIVERS Etc.)
INTERNAL SCHEMATIC DIAGRAM
April 1998
TO-220
TO-220FI
1
2
3
1
2
3
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
IRF530
IRF 530FI
VDS
Drain-source Volt age (VGS =0)
100
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
100
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
o C30
17
A
ID
Drain Current (continuous) at Tc =100
oC21
12
A
IDM(
•)
Drain Current (pulsed)
120
120
A
Ptot
Tot al Dissipation at Tc =25
oC150
45
W
Derating F act or
1
0.3
W/
oC
Viso
Insulat ion Withstand Volt age (DC)
-
2000
V
Tstg
Storage T emperat ure
-65 to 175
oC
Tj
Max. O perating Junction Temperature
175
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤30 Α, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
IRF540
I RF540F I
100 V
100 V
<0.077
Ω
<0.077
Ω
30 A
16 A
1/6


Similar Part No. - IRF540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IRF540 PHILIPS-IRF540 Datasheet
86Kb / 9P
N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
Fairchild Semiconductor
IRF540 FAIRCHILD-IRF540 Datasheet
146Kb / 5P
N-Channel Power MOSFETs, 27 A, 60-100V
logo
International Rectifier
IRF540 IRF-IRF540 Datasheet
177Kb / 6P
HEXFET POWER MOSFET
logo
STMicroelectronics
IRF540 STMICROELECTRONICS-IRF540 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
logo
Vishay Siliconix
IRF540 VISHAY-IRF540 Datasheet
1Mb / 8P
Power MOSFET
16-Jun-08
More results

Similar Description - IRF540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP30NE03L STMICROELECTRONICS-STP30NE03L Datasheet
105Kb / 9P
N - CHANNEL 30V - 0.028 ohm - 30A TO-220/TO-220FP STripFET POWER MOSFET
Jun-1999
STP30NE06 STMICROELECTRONICS-STP30NE06 Datasheet
48Kb / 6P
N - CHANNEL 60V - 0.042 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Jan-1999
STP30NE06L STMICROELECTRONICS-STP30NE06L Datasheet
105Kb / 9P
N - CHANNEL 60V - 0.035 ohm - 30A - TO-220/TO-220FP STripFET POWER MOSFET
Mar-1999
STP45N10 STMICROELECTRONICS-STP45N10 Datasheet
431Kb / 10P
N - CHANNEL 100V - 0.027ohm - 45A - TO-220/TO-220FI POWER MOS TRANSISTOR
Jun-1998
STP36NF06 STMICROELECTRONICS-STP36NF06 Datasheet
310Kb / 9P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
Oct-2003
STP36NF06L STMICROELECTRONICS-STP36NF06L Datasheet
436Kb / 14P
N-channel 60V - 0.032ohm - 30A - TO-220 - D2PAK STripFET TM II Power MOSFET
26-Jun-2006
STP36NF06 STMICROELECTRONICS-STP36NF06_07 Datasheet
336Kb / 14P
N-channel 60V - 0.032 - 30A - TO-220/TO-220FP STripFET II Power MOSFET
21-Feb-2007
logo
Xian Semipower Electron...
SW75N08 SEMIPOWER-SW75N08 Datasheet
391Kb / 5P
N-channel TO-220 MOSFET
SW80N08A SEMIPOWER-SW80N08A Datasheet
768Kb / 5P
N-channel TO-220 MOSFET
logo
STMicroelectronics
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com