Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF620 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF620
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF620 Datasheet(HTML) 1 Page - STMicroelectronics

  IRF620 Datasheet HTML 1Page - STMicroelectronics IRF620 Datasheet HTML 2Page - STMicroelectronics IRF620 Datasheet HTML 3Page - STMicroelectronics IRF620 Datasheet HTML 4Page - STMicroelectronics IRF620 Datasheet HTML 5Page - STMicroelectronics IRF620 Datasheet HTML 6Page - STMicroelectronics IRF620 Datasheet HTML 7Page - STMicroelectronics IRF620 Datasheet HTML 8Page - STMicroelectronics IRF620 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IRF620
IRF620FI
N - CHANNEL ENHANCEMENT MODE
POWER MOS TRANSISTORS
s
TYPICAL RDS(on) = 0.55
Ω
s
AVALANCHE RUGGED TECHNOLOGY
s
100% AVALANCHE TESTED
s
REPETITIVE AVALANCHE DATA AT 100
oC
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
UNINTERRUPTIBLE POWER SUPPLY (UPS)
s
MOTOR CONTROL, AUDIO AMPLIFIERS
s
INDUSTRIAL ACTUATORS
s
DC-DC
&
DC-AC
CONVERTERS
FOR
TELECOM, INDUSTRIAL AND CONSUMER
ENVIRONMENT
INTERNAL SCHEMATIC DIAGRAM
1
2
3
TO-220
ISOWATT220
November 1996
TYPE
VDSS
R DS(on)
ID
IRF620
IRF620FI
200 V
200 V
<0. 8
Ω
<0. 8
Ω
6A
4A
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
IRF620
I RF620FI
VDS
Drain-source Voltage (VGS =0)
200
V
VDG R
Drain- gate Voltage (RGS =20 k
Ω)200
V
VGS
Gate-source Voltage
± 20
V
ID
Drain Current (cont .) at Tc =25
oC6
4
A
ID
Drain Current (cont .) at Tc =100
oC4
2
A
IDM(
•)
Drain Current (pulsed)
24
24
A
Ptot
Total Dissipation at Tc =25
oC70
30
W
Derating Factor
0. 56
0. 24
W/
oC
VISO
I nsulat ion Withstand Voltage (DC)
2000
V
Tstg
St orage Temperat ure
-65 to 150
oC
Tj
Max. Operat ing Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
1
2
3
1/9


Similar Part No. - IRF620

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
IRF620 FAIRCHILD-IRF620 Datasheet
165Kb / 5P
N-Channel Power MOSFETs, 7A, 150-200V
logo
Intersil Corporation
IRF620 INTERSIL-IRF620 Datasheet
54Kb / 7P
5.0A, 200V, 0.800 Ohm, N-Channel Power MOSFET
June 1999
logo
TRANSYS Electronics Lim...
IRF620 TEL-IRF620 Datasheet
141Kb / 1P
Power MOSFET
logo
Vishay Siliconix
IRF620 VISHAY-IRF620 Datasheet
1Mb / 8P
Power MOSFET
07-Jul-08
logo
New Jersey Semi-Conduct...
IRF620 NJSEMI-IRF620 Datasheet
107Kb / 2P
Power MOSFET
More results

Similar Description - IRF620

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUZ72A STMICROELECTRONICS-BUZ72A Datasheet
112Kb / 7P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1993
STW5NA100 STMICROELECTRONICS-STW5NA100 Datasheet
99Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Oct-1997
MTH40N06 STMICROELECTRONICS-MTH40N06 Datasheet
484Kb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
Comset Semiconductor
BUZ71 COMSET-BUZ71 Datasheet
106Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
IRF830 COMSET-IRF830 Datasheet
109Kb / 3P
N CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
logo
STMicroelectronics
IRF720 STMICROELECTRONICS-IRF720 Datasheet
343Kb / 6P
N-channel enhancement mode power mos transistors
Jun-1988
SGSP361 STMICROELECTRONICS-SGSP361 Datasheet
184Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP363 STMICROELECTRONICS-SGSP363 Datasheet
178Kb / 6P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
SGSP364 STMICROELECTRONICS-SGSP364 Datasheet
166Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
SGSP591 STMICROELECTRONICS-SGSP591 Datasheet
173Kb / 5P
N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
Jun-1988
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com