Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF620 Datasheet(PDF) 3 Page - STMicroelectronics

Part # IRF620
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF620 Datasheet(HTML) 3 Page - STMicroelectronics

  IRF620 Datasheet HTML 1Page - STMicroelectronics IRF620 Datasheet HTML 2Page - STMicroelectronics IRF620 Datasheet HTML 3Page - STMicroelectronics IRF620 Datasheet HTML 4Page - STMicroelectronics IRF620 Datasheet HTML 5Page - STMicroelectronics IRF620 Datasheet HTML 6Page - STMicroelectronics IRF620 Datasheet HTML 7Page - STMicroelectronics IRF620 Datasheet HTML 8Page - STMicroelectronics IRF620 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING RESISTIVE LOAD
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
td(off)
tf
Turn-on Time
Rise Time
Turn-off Delay Time
Fall Time
VDD =100 V
ID =3 A
RG =50
Ω
VGS =10 V
(see test circuit)
30
70
135
45
45
100
190
65
ns
ns
ns
ns
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
ID =6 A
VGS =10 V
VDD = Max Rating x 0.8
(see test circuit)
20
6
8
30
nC
nC
nC
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
ISD
I SDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
6
24
A
A
VSD (
∗)
Forward On Volt age
ISD =6 A
VGS =0
1.5
V
trr
Qrr
Reverse Recovery
Time
Reverse Recovery
Charge
ISD =6 A
di/ dt =100 A/
µs
VDD = 100 V Tj = 150
oC
170
1
ns
µC
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area for TO-220
Safe Operating Area for ISOWATT220
IRF620/FI
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com