Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL0300P Datasheet(PDF) 11 Page - Power IC Ltd.

Part # PL0300P
Description  Low Noise, Fixed Output Voltage 300mA LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0300P Datasheet(HTML) 11 Page - Power IC Ltd.

Back Button PL0300P Datasheet HTML 4Page - Power IC Ltd. PL0300P Datasheet HTML 5Page - Power IC Ltd. PL0300P Datasheet HTML 6Page - Power IC Ltd. PL0300P Datasheet HTML 7Page - Power IC Ltd. PL0300P Datasheet HTML 8Page - Power IC Ltd. PL0300P Datasheet HTML 9Page - Power IC Ltd. PL0300P Datasheet HTML 10Page - Power IC Ltd. PL0300P Datasheet HTML 11Page - Power IC Ltd. PL0300P Datasheet HTML 12Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PACKAGE INFORMATION
PL0300
5-PIN SOT-25 OUTLINE DIMENSION
1
3
54
e1
e
D
b
R
1
R
L1
L
Detail A
Detail A
c
1
1
Dimension:
Millimeter
Inch
Symbol
Min
Typ
Max
Min
Typ
Max
A
1.45
0.057
A1
0.15
0.006
A2
0.90
1.15
1.30
0.036
0.045
0.051
b
0.30
0.50
0.011
0.020
c
0.08
0.22
0.003
0.009
D
2.90
0.114
E
2.80
0.110
E1
1.60
0.063
e
0.95
0.037
e1
1.90
0.075
L
0.30
0.45
0.60
0.020
0.018
0.024
L1
0.60
0.024
L2
0.25
0.010
R
0.10
0.004
R1
0.10
0.25
0.004
0.010
θ˚
0˚
4˚
8˚
0˚
4˚
8˚
θ1˚
5˚
10˚
15˚
5˚
10˚
15˚
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com