Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL0300P Datasheet(PDF) 2 Page - Power IC Ltd.

Part # PL0300P
Description  Low Noise, Fixed Output Voltage 300mA LDO Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL0300P Datasheet(HTML) 2 Page - Power IC Ltd.

  PL0300P Datasheet HTML 1Page - Power IC Ltd. PL0300P Datasheet HTML 2Page - Power IC Ltd. PL0300P Datasheet HTML 3Page - Power IC Ltd. PL0300P Datasheet HTML 4Page - Power IC Ltd. PL0300P Datasheet HTML 5Page - Power IC Ltd. PL0300P Datasheet HTML 6Page - Power IC Ltd. PL0300P Datasheet HTML 7Page - Power IC Ltd. PL0300P Datasheet HTML 8Page - Power IC Ltd. PL0300P Datasheet HTML 9Page - Power IC Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
PL0300
PIN CONFIGURATION
PIN DESIGNATOR
Name
Pin
Type
Function
IN
1
Supply
Supply voltage. 2.5V ~ 5.5V
GND
2
Ground
Ground pin
EN
3
Logic input
Enable/Shutdown. TTL and CMOS compatible input. Logic ‘H’: enable,
logic ‘L’: shutdown
BYP/ PGD
4 Bypass/PGood Reference voltage bypass pin. Connect 0.01µF ≤ CBYP ≤ 0.1µF to GND to
reduce output noise. May be left open
OUT
5 Analog output
Regulator output
PIN DESCRIPTION
PL0300
Name
Pin
Type
Function
IN
1
Supply
Supply voltage. 2.5 ~ 5.5V
GND
2
Ground
Ground
EN
3
Logic input
TTL and CMOS compatible input. Logic ‘H’: enable, logic ‘L’: shutdown
BYP
4
Bypass
Noise filtering pin
OUT
5
Analog output
Regulator output
PL0300P
Name
Pin
Type
Function
IN
1
Supply
Supply voltage. 2.5 ~ 5.5V
GND
2
Ground
Ground
EN
3
Logic input
TTL and CMOS compatible input. Logic ‘H’: enable, logic ‘L’: shutdown
PGD
4
Power good
Monitors the output voltage and signals an error condition when the output
voltage drops 10% below its nominal value
OUT
5
Analog output
Regulator output
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com