Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4088 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT4088 Datasheet HTML 1Page - Active-Semi, Inc ACT4088 Datasheet HTML 2Page - Active-Semi, Inc ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
ACT4088
Rev PrA, 24-Jul-07
Innovative Products. Active Solutions.
- 3 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
IN Supply Voltage
-0.3 to 32
V
SW Voltage
-1 to VIN + 1
V
BST Voltage
VSW - 0.3 to VSW + 7
V
EN, FB Voltage
-0.3 to 6
V
Continuous SW Current
Internally Limited
A
Junction to Ambient Thermal Resistance (
θ
JA)
220
°C/W
Maximum Power Dissipation
0.5
W
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Lead Temperature (Soldering, 10 sec)
300
°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
VOUT = 3.3V, ILOAD = 0A to 1.5A
4.5
28
V
Under Voltage Lockout Voltage
VUVLO
Input Voltage Rising
4
4.2
4.49
V
Under Voltage Lockout Hysteresis
250
mV
Feedback Voltage
VFB
4.75V
≤ V
IN ≤ 20V, VCOMP = 1.5V
0.79
0.81
0.83
V
Frequency Foldback Threshold
250
mV
High-side Switch On Resistance
RONH
0.300
Ω
Low-side Switch On Resistance
RONH
15
Ω
SW Leakage
VEN = 0, VSW = 0V
1
10
µA
Current Limit
ILTM
VIN = 12V, VOUT = 5V, or
EN = G, SW = G
1.8
A
Switching Frequency
fSW
1.2
1.4
1.7
MHz
Foldback Switching Frequency
VFB = 0V, or FB = G
467
kHz
Maximum Duty Cycle
DMAX
VFB = 0.6V
92
%
Minimum On-Time
75
ns
EN Threshold Voltage
EN Rising
1.12
1.24
1.36
V
EN Hysteresis
EN Rising
100
mV
EN Internal Pull-up Current
2
µA
Supply Current in Shutdown
VEN = 0V or EN = G
15
30
µA
Supply Current in Operation
VEN = 2V, VFB = 1.0V
1
2
mA
Thermal Shutdown Temperature
160
°C
Thermal Shutdown Hysteresis
10
°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25°C, unless otherwise specified.)
: Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long periods may
affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com