Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4088 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT4088
Description  28V, 1.5A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4088 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT4088 Datasheet HTML 3Page - Active-Semi, Inc ACT4088 Datasheet HTML 4Page - Active-Semi, Inc ACT4088 Datasheet HTML 5Page - Active-Semi, Inc ACT4088 Datasheet HTML 6Page - Active-Semi, Inc ACT4088 Datasheet HTML 7Page - Active-Semi, Inc ACT4088 Datasheet HTML 8Page - Active-Semi, Inc ACT4088 Datasheet HTML 9Page - Active-Semi, Inc ACT4088 Datasheet HTML 10Page - Active-Semi, Inc ACT4088 Datasheet HTML 11Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ACT4088
Rev PrA, 24-Jul-07
Innovative Products. Active Solutions.
- 10 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
Hiccup Mode
If the ACT4088 transitions from normal operation to
a severe overload condition (the voltage at FB falls
below 0.3V), the controller automatically enters
"Hiccup Mode" to provide maximum protection to
the system. In hiccup mode, the IC stops switching,
clears the soft-start circuitry, then attempts to re-
start. If the overload condition has been removed,
the IC will start up normally and continue regulating.
In the case of a sustained overload, however, the
IC will attempt to regulate for a period of time equal
to 3x the soft-start period (1.5ms). If the overload
condition persists until the end of this period, the IC
will begin another hiccup cycle. This hiccup-mode
control scheme minimizes power dissipation during
severe overload conditions, and ensures that the
ACT4088 responds quickly to instantaneous severe
overload conditions while providing immunity to
false hiccups that may occur with a heavily loaded
output.
Thermal Shutdown
The ACT4088 automatically turns off when the IC
junction temperature exceeds 160°C, and re-
enables when the IC junction temperature drops by
10°C (typ).
PC Board Layout
The high current paths at G, IN and SW should be
placed very close to the device with short, direct
and wide traces. The input capacitor needs to be as
close as possible to the IN and G pins. The external
feedback resistors should be placed next to the FB
pin. Keep the switch node traces short and away
from the feedback network and use shielded
inductors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com