Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 2 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel Integrated Power Management IC for Mobile Handsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 2 Page - Active-Semi, Inc

  ACT5830 Datasheet HTML 1Page - Active-Semi, Inc ACT5830 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ACT5830
Innovative Products. Active Solutions.
- 2 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
Product Brief, 21-Nov-07
PRODUCT OPTIONS
FUNCTIONAL BLOCK DIAGRAM
Charge
Control
VP
GP
SW
nRST
CHG_IN
BAT
2.9V
PRE-
CONDITION
CURRENT
SENSE
VOLTAGE
SENSE
VBUCK
110°C
THERMAL
REGULATION
OUT1
4.0V
VINUVLO
nENCHG
4.3V to 6V
VBUCK
BODY AND
VSYS
CONTROL
To Battery
AC Adaptor
or USB
+
Li+ Battery
nACOK
VICHG
BATID
Reset
OUT1
LDO1
OUT2
LDO2
OUT3
LDO3
OUT4
LDO4
OUT5
LDO5
OUT6
LDO6
OUT7
LDO7
OUT8
LDO8
System
Control
PWR_HOLD
nON
HF_PWR
PWR_ON
SDA
SCL
IN1
IN2
To LDOs
To LDOs
TCXO_EN
RX_EN
TX_EN
ODI1
Open-Drain
#1
ODI2
OD1
OD2
Open-Drain
#2
OUT1
BAT
ACT5830
Voltage Reference
REF
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
OUT7
OUT8
Block
Function
Output Voltage
Capability
CHGR
Battery Charger
4.20V (4.10V to 4.30V available)
Programmable Up to 1A
BUCK
Step-Down DC/DC
0.645V to 4.4V
350mA
LDO1
LDO
300mA
LDO2
LDO
300mA
LDO3
LDO
100mA
LDO4
LDO
100mA
LDO5
LDO
150mA
LDO6
LDO
150mA
LDO7
LDO
0.645V to 4.4V
250mA
LDO8
LDO
1.4V to 3.7V
250mA
1.4V to 3.7V
: Output voltage options detailed in this table represent standard voltage options, and are available for samples or production orders.
Contact Active-Semi for more information regarding semi-custom output voltage combinations.
: Contact factory for additional available products or custom requirements.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com