Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT5830 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT5830
Description  Twelve Channel Integrated Power Management IC for Mobile Handsets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT5830 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT5830 Datasheet HTML 1Page - Active-Semi, Inc ACT5830 Datasheet HTML 2Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Innovative Products. Active Solutions.
- 1 -
www.active-semi.com
Copyright © 2007 Active-Semi, Inc.
ActivePMU
TM is a trademark of Active-Semi.
I
2CTM is a trademark of Philips Electronics.
ACT5830
Twelve Channel Integrated Power Management
IC for Mobile Handsets
SYSTEM BLOCK DIAGRAM
FEATURES
• Multiple Patents Pending
• 350mA, PWM Step-Down DC/DC Converter
• Eight I2C-Programmable, Low Noise LDOs
− Three Optimized for RF Section Power
− Five Optimized for BB Section Power
• Li+ Battery Charger with Integrated MOSFET
− Charger Current Monitor Output (VICHG)
− Charger ON/OFF Control Pin
• Two N-channel Open Drain Switches
• Minimal External Components
• I2CTM Serial Interface
− Configurable Operating Modes
• AC-OK and RESET Outputs
• 5×5mm, Thin-QFN (TQFN55-40) Package
− Only 0.75mm Height
− RoHS-Compliant
APPLICATIONS
• GSM or CDMA Mobile Phones
GENERAL DESCRIPTION
The patent-pending ACT5830 is a complete, inte-
grated power management solution that is ideal for
mid-high and mobile phones. This device integrates
a linear Li+ battery charger with an internal power
MOSFET, a high efficiency 350mA DC/DC con-
verter, eight low dropout linear regulators, a reset
output, and two N-Channel open drain switches,
and an I
2C Serial Interface to achieve flexibility for
programming LDO outputs and individual on/off
control.
The charger is a complete, thermally-regulated,
stand-alone single-cell linear Li+ battery charger
that incorporates an internal power MOSFET for
constant-current/constant-voltage
control.
The
charger includes a variety of value-added features,
and it is programmable via the I
2C-Interface to con-
trol charging current, termination voltage, along with
safety features and operation modes.
The ACT5830 is available in a compact 5mm x
5mm 40-pin Thin-QFN package that is just 0.75mm
thin.
SCL
PWR_ON
VICHG
ACOK
SDA
TX_EN
System
Control
PWR_HOLD
Step-Down
DC/DC
Single Cell
Li+ Battery Charger
0.645V to 4.4V
Up to 350mA
Open-Drain
Drivers
Low-Noise LDOs
LDO1
LDO4
LDO5
Single Cell Li+
Battery Charger
CHG_IN
nENCHG
nON
HF_PWR
RX_EN
TCXO_EN
OD1
OD2
ODI1
ODI2
nRST
ACT5830
LDO2
LDO3
LDO7
LDO8
LDO6
1.4V to 3.7V
Up to 300mA
1.4V to 3.7V
Up to 300mA
1.4V to 3.7V
Up to 100mA
1.4V to 3.7V
Up to 100mA
1.4V to 3.7V
Up to 150mA
1.4V to 3.7V
Up to 150mA
0.645V to 4.4V
Up to 250mA
1.4V to 3.7V
Up to 250mA
TM
PMU
PMU
Active
Product Brief, 21-Nov-07
Advanced Information - All Information Subject to Change


Similar Part No. - ACT5830

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
ACT5830 ACTIVE-SEMI-ACT5830 Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830QJ182-T ACTIVE-SEMI-ACT5830QJ182-T Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830QJ1CF-T ACTIVE-SEMI-ACT5830QJ1CF-T Datasheet
774Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev 2, 20-Jan-11
ACT5830QJCES-T ACTIVE-SEMI-ACT5830QJCES-T Datasheet
713Kb / 41P
Twelve Channel PMU for Mobile Phones
Rev PrB, 05-Mar-08
More results

Similar Description - ACT5830

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB3892 FUJITSU-MB3892 Datasheet
503Kb / 40P
Power Management IC for Mobile Phone
MB3893A FUJITSU-MB3893A Datasheet
496Kb / 44P
Power Management IC for Mobile Phone
logo
Freescale Semiconductor...
900844 FREESCALE-900844 Datasheet
5Mb / 118P
Integrated Power Management IC for Ultra-mobile and Embedded Applications
logo
SHENZHEN FUMAN ELECTRON...
FM5323 FUMAN-FM5323 Datasheet
493Kb / 9P
Mobile Power Management IC
FM5323C FUMAN-FM5323C Datasheet
550Kb / 9P
Mobile Power Management IC
FM5324D FUMAN-FM5324D Datasheet
739Kb / 11P
Mobile Power Management IC
FM5325E FUMAN-FM5325E Datasheet
739Kb / 15P
Mobile Power Management IC
FM9688 FUMAN-FM9688 Datasheet
526Kb / 9P
Mobile Power Management IC
FM9936E FUMAN-FM9936E Datasheet
252Kb / 6P
Mobile power management IC
logo
Shenzhen Huazhimei Semi...
HM5805 HMSEMI-HM5805 Datasheet
1,017Kb / 11P
Mobile Power Management IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com