Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148LP Datasheet(PDF) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # 1N4148LP
Description  Silicon Epitaxial Planar Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

1N4148LP Datasheet(HTML) 2 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  1N4148LP Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at TA = 25 ℃
Parameter
Symbol
Min.
Max.
Unit
Forward Voltage
at IF =10 mA
VF
--
0.85
V
Reverse Breakdown Voltage
at IR = 100 µA
at IR = 5 µA
V(BR)R
100
75
--
--
V
Reverse Current
at VR = 20 V
at VR = 75 V
at VR = 20 V, at TA =150 °C
IR
--
--
--
35
1
50
nA
μA
μA
Typical Junction Capacitance
at VR= 0 V, f= 1 MHz
Cj
--
4
pF
Maximum Reverse Recovery Time
at IF = 10 mA, VR = 6 V, IRR = 1 mA, RL = 100 Ω
Trr
--
4
nS
2
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com