Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N4148LP Datasheet(PDF) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # 1N4148LP
Description  Silicon Epitaxial Planar Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

1N4148LP Datasheet(HTML) 3 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  1N4148LP Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 3Page - Guangdong Huixin Electronic Technology Co., Ltd. 1N4148LP Datasheet HTML 4Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Characteristic Curves
0
25
125
150
0
100
200
300
400
0.0
0.4
0.8
1.2
1.6
0.1
1
10
100
0
20
0
6
80
1
10
100
1000
0
5
15
20
1.0
1.1
1.2
1.3
1.4
50
75
100
Ambient Temperature Ta (℃)
300
30
3
0.3
Ta=25℃
Forward Voltage VF (V)
300
30
3
40
Reverse Voltage VR (V)
Ta=25℃
f=1MHz
10
Reverse Voltage VR (V)
Ta=100℃
Ta=100℃
Ta=25℃
3
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com