Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF820 Datasheet(PDF) 1 Page - STMicroelectronics

Part # IRF820
Description  N - CHANNEL 500V - 2.5ohm - 2.5 A - TO-220 PowerMESH] MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IRF820 Datasheet(HTML) 1 Page - STMicroelectronics

  IRF820 Datasheet HTML 1Page - STMicroelectronics IRF820 Datasheet HTML 2Page - STMicroelectronics IRF820 Datasheet HTML 3Page - STMicroelectronics IRF820 Datasheet HTML 4Page - STMicroelectronics IRF820 Datasheet HTML 5Page - STMicroelectronics IRF820 Datasheet HTML 6Page - STMicroelectronics IRF820 Datasheet HTML 7Page - STMicroelectronics IRF820 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRF820
N - CHANNEL 500V - 2.5
Ω - 2.5 A - TO-220
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 2.5
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
DESCRIPTION
This power MOSFET is designed using the
company’s consolidated strip layout-based MESH
OVERLAY
™ process. This technology matches
and improves the performances compared with
standard parts from various sources.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
®
INTERNAL SCHEMATIC DIAGRAM
August 1998
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Uni t
VDS
Drain-source Volt age (VGS =0)
500
V
VDGR
Drain- gate Voltage (RGS =20 k
Ω)
500
V
VGS
Gat e-source Voltage
± 20
V
ID
Drain Current (continuous) at Tc =25
o C2.5
A
ID
Drain Current (continuous) at Tc =100
oC1.6
A
IDM(
•)
Drain Current (pulsed)
10
A
Ptot
Tot al Dissipation at Tc =25
oC80
W
Derating F act or
0.64
W/
oC
dv/dt(1)
Peak Diode Recovery voltage slope
3.5
V/ ns
Tstg
Storage T emperat ure
-65 to 150
oC
Tj
Max. O perating Junction Temperature
150
oC
(
•) Pulse width limited by safe operating area
(1)ISD
≤2.5 A, di/dt ≤ 50 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
First Digit of the Datecode Being Z or K Identifies Silicon Characterized in this Datasheet
TYPE
VDSS
RDS(on)
ID
IRF820
500 V
< 3
Ω
2.5 A
1
2
3
TO-220
1/8


Similar Part No. - IRF820

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF820 MOTOROLA-IRF820 Datasheet
140Kb / 2P
N-CHANNEL Enhancement-Mode Silicon Gate TMOS
logo
Samsung semiconductor
IRF820 SAMSUNG-IRF820 Datasheet
322Kb / 6P
N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF820 FAIRCHILD-IRF820 Datasheet
157Kb / 5P
N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
Intersil Corporation
IRF820 INTERSIL-IRF820 Datasheet
54Kb / 7P
2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFET
July 1999
logo
International Rectifier
IRF820 IRF-IRF820 Datasheet
169Kb / 6P
Power MOSFET(Vdss=500V, Rds(on)=3.0ohm, Id=2.5A)
More results

Similar Description - IRF820

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
IRF830 STMICROELECTRONICS-IRF830 Datasheet
92Kb / 8P
N - CHANNEL 500V - 1.35ohm - 4.5A - TO-220 PowerMESH] MOSFET
Aug-1998
IRF840 STMICROELECTRONICS-IRF840 Datasheet
93Kb / 8P
N - CHANNEL 500V - 0.75ohm - 8A - TO-220 PowerMESH] MOSFET
Aug-1998
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STP10NB50 STMICROELECTRONICS-STP10NB50 Datasheet
105Kb / 9P
N - CHANNEL 500V - 0.55ohm - 10.6A - TO-220/TO-220FP PowerMESH MOSFET
Oct-1999
STP10NC50 STMICROELECTRONICS-STP10NC50 Datasheet
57Kb / 7P
N - CHANNEL 500V - 0.48ohm - 10A - TO-220/TO-220FP PowerMESH MOSFET
Nov-1999
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh™ I MOSFET
May-2001
STP4NB50 STMICROELECTRONICS-STP4NB50 Datasheet
163Kb / 7P
N-CHANNEL 500V - 2.5ohm - 3.8A - TO-220/TO-220FP PowerMesh™ MOSFET
Apr-2003
STP8NC50 STMICROELECTRONICS-STP8NC50 Datasheet
352Kb / 10P
N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP/I2PAK PowerMesh™II MOSFET
Dec-2000
STP9NB50 STMICROELECTRONICS-STP9NB50 Datasheet
108Kb / 9P
N-CHANNEL 500V - 0.75 ohm - 8.6 A TO-220/TO-220FP PowerMesh MOSFET
May-2000
IRF840 STMICROELECTRONICS-IRF840_02 Datasheet
218Kb / 8P
N-CHANNEL 500V - 0.75廓 - 8A TO-220 PowerMesh?줚I MOSFET
May-2002
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com