Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD-25.000MHZ-V-R-S Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASD-25.000MHZ-V-R-S
Description  HCMOS SMD Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASD-25.000MHZ-V-R-S Datasheet(HTML) 3 Page - Abracon Corporation

  ASD-25.000MHZ-V-R-S Datasheet HTML 1Page - Abracon Corporation ASD-25.000MHZ-V-R-S Datasheet HTML 2Page - Abracon Corporation ASD-25.000MHZ-V-R-S Datasheet HTML 3Page - Abracon Corporation ASD-25.000MHZ-V-R-S Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
|
OUTLINE DRAWING:
ASD SERIES
OPTIONS AND PART IDENTIFICATION:
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Visit
www.abracon.com for Terms & Conditions of Sale
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
Dimensions: inches (mm)
HCMOS SMD Crystal Oscillator
Revised: 01.19.15
ASD
-
-
MHz -
-
- -
P/N and Vdd (V)
Blank: 3.3±5%
1: 3.0±5%
2: 2.5±5%
3: 1.8±5%
6: 1.0±5%
Packaging
Blank: Bulk
T: 1000pcs/Reel
T2: 250pcs/Reel
T3: 3000pcs/Reel
Duty Cycle
Blank : 40/60% @ 1/2Vdd
S: 45/55% @ 1/2Vdd
Frequency in MHz
e.g. 24.576MHz
14.31818MHz
26.000MHz
Overall Freq.
Stability
J(*): ±20ppm
R(**): ±25ppm
K: ±30ppm
H: ±35ppm
C: ±50ppm
Operating Temp.
E: -20°C ~ +70°C (STD)
F: -30°C ~ +70°C
N: -30°C ~ +85°C
L: -40°C ~ +85°C
M(***): -40°C ~ +105°C
V(***): -40°C ~ +125°C
*: Standard only
**: E,F, N and L only
***:
± 100 ppm only
Note1: Recommend using an approximately 0.01uF
bypass capacitor between PIN 2 and 4.
Pin
Function
1
Tri-State
2
GND/Case
3
Output
4
Vdd
2.5 X 2.0 X 1.0 mm



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com