Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD-25.000MHZ-V-R-S Datasheet (PDF) - Abracon Corporation

ASD-25.000MHZ-V-R-S Datasheet PDF - Abracon Corporation
Part # ASD-25.000MHZ-V-R-S
Download  ASD-25.000MHZ-V-R-S Download
File Size   882.78 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description HCMOS SMD Crystal Oscillator

ASD-25.000MHZ-V-R-S Datasheet (PDF)

Go To PDF Page Download Datasheet
ASD-25.000MHZ-V-R-S Datasheet PDF - Abracon Corporation

Part # ASD-25.000MHZ-V-R-S
Download  ASD-25.000MHZ-V-R-S Click to download

File Size   882.78 Kbytes
Page   4 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description HCMOS SMD Crystal Oscillator

ASD-25.000MHZ-V-R-S Datasheet (HTML) - Abracon Corporation


ASD-25.000MHZ-V-R-S Product details

FEATURES:
• Low height 1.0mm max
• Low current consumption
• Tri-state function
• Suitable for RoHS compliant reflow
• Tight stability option
• Seam sealed package assures high reliability

APPLICATIONS:
• CCD clock for VTR Camera
• Equipment connected to PC or PC cards
• Thin equipment




Similar Part No. - ASD-25.000MHZ-V-R-S

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
ASD-20 PAIRUI-ASD-20 Datasheet
167Kb / 4P
AC-DC Converter
ASD-20 PAIRUI-ASD-20_19 Datasheet
167Kb / 4P
AC-DC Converter
logo
PHOENIX CONTACT
ASD-21-SET-12OV PHOENIX-ASD-21-SET-12OV Datasheet
45Kb / 1P
Battery-powered screwdriver, incl. battery pack, charger, user manual, case and 1 x 1203974, for 120 V AC
More results


Similar Description - ASD-25.000MHZ-V-R-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
367Kb / 2P
HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.09.07
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFLV ABRACON-ASFLV Datasheet
157Kb / 2P
3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
07.11.07
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
logo
Fox Electronics
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com