Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASD2-25.000MHZ-V-R-S Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASD2-25.000MHZ-V-R-S
Description  HCMOS SMD Crystal Oscillator
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASD2-25.000MHZ-V-R-S Datasheet(HTML) 1 Page - Abracon Corporation

  ASD2-25.000MHZ-V-R-S Datasheet HTML 1Page - Abracon Corporation ASD2-25.000MHZ-V-R-S Datasheet HTML 2Page - Abracon Corporation ASD2-25.000MHZ-V-R-S Datasheet HTML 3Page - Abracon Corporation ASD2-25.000MHZ-V-R-S Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASD SERIES
2.5 X 2.0 X 1.0 mm
2
3
3
0
3
a
i
n
r
o
fi
l
a
C
,a
ti
r
a
g
r
a
M
a
t
n
a
S
o
h
c
n
a
R
,a
z
n
a
r
e
p
s
E
8
8
6
2
9
tel 949-546-8000 | fax 949-546-8001
m
o
c
.
n
o
c
a
r
b
a
.
w
w
w
|
HCMOS SMD Crystal Oscillator
Visit
www.abracon.com for Terms & Conditions of Sale
Revised: 01.19.15
CERTIFIED
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
• CCD clock for VTR Camera
• Equipment connected to PC or PC cards
• Thin equipment
• Low height 1.0mm max
• Low current consumption
• Tri-state function
• Suitable for RoHS compliant reflow
• Tight stability option
• Seam sealed package assures
high reliability
APPLICATIONS:
FEATURES:
STANDARD SPECIFICATIONS:
Parameters
Minimum
Typical
Maximum
Units
Notes
Frequency Range
0.750
60
MHz
Operating Temperature
-20
+70
°C
STD temp. Option
code E (See options)
Storage Temperature
-55
+100
°C
Overall Frequency Stability
-100
+100
ppm
See options
Supply Voltage (Vdd)
+3.135
+3.3
+3.465
V
ASD (Standard)
+2.85
+3.0
+3.15
ASD1
+2.375
+2.5
+2.625
ASD2
+1.71
+1.8
+1.89
ASD3
+0.95
+1.0
+1.05
ASD6
Input Current (Idd)
ASD (3.3V)
2.5
5
mA
0.750~15.999 MHz
4
7
16.000~39.999 MHz
9
13
40.000~60.000 MHz
ASD1 (3.0V)
2.5
4
mA
0.750~15.999 MHz
3.5
6
16.000~39.999 MHz
8
12
40.000~60.000 MHz
ASD2 (2.5V)
2
3.5
mA
0.750~15.999 MHz
3
5
16.000~39.999 MHz
7
10
40.000~60.000 MHz
ASD3 (1.8V)
1
2.5
mA
0.750~15.999 MHz
2
4
16.000~39.999 MHz
4
7
40.000~60.000 MHz
ASD6 (1.0V)
1.0
2.5
mA
25.000 MHz
Symmetry @ 1/2Vdd
40
60
%
STD (See option)
Output Load:
15
pF
CMOS
Output Voltage (VOH):
0.9* Vdd
V
Output Voltage (VOL):
0.1* Vdd
V
Pb RoHS/RoHS II compliant
ESD Sensitive
Moisture Sensitivity Level (MSL) – This product is Hermetically Sealed and not Moisture Sensitive - MSL = N/A: Not Applicable
For Vdd=3.3V & 2.5V and custom frequencies between 8.00MHz & 200.000MHz, or
carrier frequency > 60.0MHz, please consider Abracon’s ASG2-C series of XO and VCXO’s


Similar Part No. - ASD2-25.000MHZ-V-R-S

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ASD20 ASTRODYNE-ASD20 Datasheet
282Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
logo
PAIRUI GROUP INC.
ASD20-12 PAIRUI-ASD20-12 Datasheet
167Kb / 4P
AC-DC Converter
logo
Astrodyne Corporation
ASD20-12D12 ASTRODYNE-ASD20-12D12 Datasheet
282Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD20-12D12 ASTRODYNE-ASD20-12D12 Datasheet
162Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
ASD20-12D15 ASTRODYNE-ASD20-12D15 Datasheet
282Kb / 3P
Isolated and Regulated 20 WATT Modular DC/DC Converters
More results

Similar Description - ASD2-25.000MHZ-V-R-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HO-12 ETC1-HO-12 Datasheet
302Kb / 1P
HCMOS/TTL CRYSTAL OSCILLATOR
logo
Abracon Corporation
ASEP ABRACON-ASEP Datasheet
367Kb / 2P
HCMOS/TTL SMD PROGRAMMABLE CRYSTAL OSCILLATOR
07.09.07
ASFL2 ABRACON-ASFL2 Datasheet
151Kb / 2P
2.5V HCMOS / TTL COMPATIBLE SMD CRYSTAL CLOCK OSCILLATOR
4.26.07
ASFLV ABRACON-ASFLV Datasheet
157Kb / 2P
3.3Vdc HCMOS SMD VOLTAGE CONTROLLED CRYSTAL OSCILLATOR
07.11.07
ASV1 ABRACON-ASV1 Datasheet
364Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.12.07
ASV ABRACON-ASV Datasheet
366Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
07.11.07
ASV ABRACON-ASV_08 Datasheet
202Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
02.25.08
ASV1 ABRACON-ASV1_07 Datasheet
893Kb / 2P
3.3Vdc HCMOS/TTL SMD CRYSTAL CLOCK OSCILLATOR
12.14.07
ASV-32.000MHZ-E-T ABRACON-ASV-32.000MHZ-E-T Datasheet
881Kb / 2P
3.3Vdc HCMOS/SMD CRYSTAL CLOCK OSCILLATOR
07.06.10
logo
Fox Electronics
FOX465 FOX-FOX465 Datasheet
390Kb / 2P
HCMOS 32.768kHz SMD Crystal Oscillator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com