Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1/2R10QL Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # SP1/2R10QL
Description  SMD Precision Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SP1/2R10QL Datasheet(HTML) 2 Page - TE Connectivity Ltd

  SP1/2R10QL Datasheet HTML 1Page - TE Connectivity Ltd SP1/2R10QL Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions
Size
Length
Width
Height
Stand Off
Pad Width
Pad Length
(L)
(W)
(H)
(S)
(PW)
(PL)
S 1/2
5.46
3.18
2.54
n/a
1.27
1.02
S1
6.48
3.81
2.84
0.50
1.27
1.25
S2
12.14
5.84
5.33
0.50
2.54
2.54
S3
15.24
7.00
6.48
0.50
2.29
1.27
PL
S
L
W
H
PW
.006 FLAT LEAD THICKNESS
Type
H
J
X
Y
S 1/2
1.91
4.45
1.78
2.54
S1
3.43
5.97
2.03
2.54
S2
6.98
10.54
3.05
3.56
S3
10.42
14.78
2.80
3.56
Land Pattern
S
L
1
1R0
J
T
Common Part
L - Low Ohmic
P - Power
U - Precision
Resistor Type
Case Size
S - Standard
Part
1/2 - 5.5 x 3.2
1 - 6.5 x 3.8
2 - 12.1 x 5.9
3 - 15.3 x 7.0
Resistance Value
K ±10%
J ±5%
E ±3%
F ±1%
D ±0.5%
C ±0.25%
B ±0.1%
A ±0.05%
Q ±0.02%
T ±0.01%
Z ±0.005%
Absolute Tol.
at +25°C
Pack Style
0.1 Ohm
(100 milli ohms)
R10
1 Ohm
(1000 milli ohms)
1R0
1K Ohm
(1000 Ohms)
1K0
L - Loose Piece
T - 7” Reel
R - 13” Reel
How to Order
Cleaning Conditions
After soldering use cleaning solvents such as chlorosen, dyefreon, suitable aqueous or
semi aqueous cleaner.
Storage
To prevent damage to the electrode, be sure to observe the following cautions for storage.
• Store in 40°C maximum ambient temperature, and 70% maximum R.H.
• For maximum possible shelf life do not disturb polythene sleeve until you are ready to use.
• Store where there are no harmful gases containing sulphur or chlorine.
Y
X
H
Y
SMD Precision Current Sense Resistor
Type S Series
Literature No. 1773276
Issued: 03-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com