Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP1/2R10QL Datasheet(PDF) 1 Page - TE Connectivity Ltd

Part # SP1/2R10QL
Description  SMD Precision Current Sense Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SP1/2R10QL Datasheet(HTML) 1 Page - TE Connectivity Ltd

  SP1/2R10QL Datasheet HTML 1Page - TE Connectivity Ltd SP1/2R10QL Datasheet HTML 2Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Type S Series
Tyco introduces a range of surface
mount power resistors to meet
today's circuit design needs. One
design concept allows an engineer
to
choose
from
three
styles
(Lo Ohm, Power, or Ultra Precision)
while
staying
within
the
new
standard circuit board land pattern
guidelines now accepted by the
wirewound resistor industry. Each
size offers low profile case design
with
flexible
tinned
copper
terminations for
reliable solder
joints. All styles utilise a fully
welded
construction
technique,
unlike other designs that rely solely
on tinned termination connections.
These
features
allow
the
S
Series to withstand the higher
temperatures
associated
with
reflow, vapour phase, or infrared
(IR)
manufacturing
processes
without degradation.
Key Features
■ Low Profile Design
■ Available on Tape
(3 Reel Sizes)
■ Very Wide Value Range
■ Ideal for Current Sensing
■ Up to 3.0 Watts Power
■ High TCR Versions
(to 6000ppm)
■ Stable to 5ppm/°C
Characteristics -
Electrical
"SL" Lo Ohm
"SP" Power
"SU" Precision
Values S1/2:
R01 - R05
R06 - 1K4
----
Values S1:
R005 - R075
R10 - 5K0
1R0 - 300K
Values S2:
R005 - R099
R10 - 10K
1R0 - 1 Meg
Values S3:
R005 - R099
R10 - 45K
1R0 - 2 Meg
Grid:
E24
E96
E192
Resistance Tolerances:
1%, 3%, 5%.
0.1% to 5%.
0.005% to 1%.
Power Rating @ 25°C S1/2:
0.5 Watt
0.75 Watts
----
Power Rating @ 25°C S1:
1 Watt
1.5 Watt
0.125 Watts
Power Rating @ 25°C S2:
2 Watts
2.5 Watts
0.250 Watts
Power Rating @ 25°C S3:
3 Watts
3.5 Watts
0.500 Watts
Derating:
See Curve Below
See Curve Below
See Curve Below
Max. Operating Voltage S1/2:
√Power x Resistance
33 Volts
----
Max Operating Voltage S1:
√Power x Resistance
58 Volts
100 Volts
Max Operating Voltage S2:
√Power x Resistance
127 Volts
300 Volts
Max Operating Voltage S3:
√Power x Resistance
212 Volts
400 Volts
Inductance:
< 7 Nanohenries
----
----
Temperature Coefficient
of Resistance
Range
(L) Low Ohm
(P) Power
(U) Precision
R005 - R20
<100 PPM
R10 - R99
±90ppm
1R0 - 10R
±50ppm
±25ppm
11R - 100R
±30ppm
±10ppm
102R and over
±20ppm
±10ppm
Characteristics -
Electrical
Typical ΔR
Solder Immersion:
260°C for 10 seconds.
0.1%
Load Life:
2000 hours at rated power at 25°C.
0.2%
Moisture Resistance:
240 hours with humidity ranging from 80% RH to 98% RH.
0.1%
Thermal Shock:
-55°C for 15 minutes no load.
0.1%
Dielectric Withstand:
1000 Volts.
Short Term Overload:
5 times rated power for 5 seconds
0.1%
Solderability:
95% coverage within 1/16" of contact point.
----
Flammability:
UL94V Rating.
----
Power Derating
25
50
75
100
125
150
175
200
225
250
275
100
75
50
25
0
Ambient Temperature (°C)
0.1%, 0.25%, 0.5%, 1.0%
0.02%, 0.05%
0.01%
0.005%
Note: U Style derates to 145°C. All others derate to 275°C
SMD Precision Current Sense Resistor
Type S Series
Literature No. 1773276
Issued: 03-08
Dimensions are shown for
reference purposes only.
Dimensions are in
millimetres unless
otherwise specified.
Specifications subject to
change.
tycoelectronics.com
passives.tycoelectronics.com


Similar Part No. - SP1/2R10QL

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
Guitar or/and Bass Preamplifier
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
logo
Grayhill, Inc
SP1 GRAYHILL-SP1 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
TE Connectivity Ltd
SP1 TEC-SP1 Datasheet
1Mb / 5P
Compact String Pot ??Voltage Divider
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
248Kb / 3P
Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - SP1/2R10QL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CSS2H-2512R-L500J BOURNS-CSS2H-2512R-L500J Datasheet
377Kb / 2P
Current Sense Resistor
CSS2H-3920R-1L00F BOURNS-CSS2H-3920R-1L00F Datasheet
383Kb / 2P
Current Sense Resistor
CSS2H-5930K-1L00F BOURNS-CSS2H-5930K-1L00F Datasheet
385Kb / 2P
Current Sense Resistor
CSS4J-4026R-1L00F BOURNS-CSS4J-4026R-1L00F Datasheet
352Kb / 2P
Current Sense Resistor
CSS2H-5930 BOURNS-CSS2H-5930 Datasheet
421Kb / 4P
Current Sense Resistor
CSS4J-4026 BOURNS-CSS4J-4026 Datasheet
388Kb / 4P
Current Sense Resistor
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
Current Sense Resistor
CSS2H-3920 BOURNS-CSS2H-3920 Datasheet
418Kb / 4P
Current Sense Resistor
CSM2F-6918 BOURNS-CSM2F-6918 Datasheet
576Kb / 4P
Current Sense Resistor
logo
TE Connectivity Ltd
1773269-1 TEC-1773269-1 Datasheet
514Kb / 5P
SMD Current Sense Metal Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com