Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC51CM24. Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # DAC51CM24.
Description  Timers Star Delta Timer Type DAC51
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DAC51CM24. Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  DAC51CM24. Datasheet HTML 1Page - Carlo Gavazzi Holding AG DAC51CM24. Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Specifications are subject to change without notice (29.11.17)
DAC 51
General Specifications
Power ON delay
≤ 100 ms
Power OFF delay
≤ 100 ms
Indication for
Power supply ON
LED, green
Output relays ON
LED, yellow (flashing when
timing)
Environment
(EN 60529)
Degree of protection
IP 20
Pollution degree
3 (IEC 60664)
Operating temperature
-20 to 60 °C, R.H. < 95%
Storage temperature
-30 to 80 °C, R.H. < 95%
Housing
Dimensions
17.5 x 81 x 67.2 mm
Material
PA66
Weight
85 g
Screw terminals
Tightening torque
Max 0.5 Nm according to
IEC EN 60947
Approval
UL, CSA
CE Marking
Yes
EMC
Electromagnetic Compatibility
Immunity
According to EN 61000-6-2
Emission
According to EN 61000-6-3
Timer Specifications
According to EN 61812-1
Mode of Operation
The output relay is normally
in the neutral centre posi-
tion. When the power supply
is applied, the relay switch-
es to star position (pin 16)
and the star period starts.
At the end of the set time
period, the relay returns to
the neutral centre position
and the set delay between
star
and
delta
position
starts.
At the end of the star to
delta delay (adjustable from
50 to 130 ms), the relay
switches in delta position
(pin
18)
and
does
not
release until the power sup-
ply is interrupted for at least
200 ms.
If the power supply is inter-
rupted for more than 200 ms
before the star time period
has expired, the relay does
not operate and the time cir-
cuit is set to zero. The relay
is ready for a new time peri-
od.
Time Setting
Upper knob:
Setting of star time range
Centre knob:
Star time setting on relative
scale: 1 to 10 with respect
to the chosen range.
Lower knob:
Star to delta time setting (50
to 130 ms)
Wiring Diagram
Operation Diagram
PowerSupply
RelayON(15-16) Y
RelayON(15-18)D
T
Y
T
Y
T
Y-D
T
Y-D
³ 200ms
³ 200ms
£ 10ms
ON
OFF
ON
OFF
Dimensions
67.2
18.7
17.5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com