Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC51CM24. Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # DAC51CM24.
Description  Timers Star Delta Timer Type DAC51
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

DAC51CM24. Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  DAC51CM24. Datasheet HTML 1Page - Carlo Gavazzi Holding AG DAC51CM24. Datasheet HTML 2Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (29.11.17)
1
Timers
Star Delta Timer
Type DAC51
• Time range (Star): 0.1 to 600 s
• Time range (Star to Delta): 50 to 130 ms
• Knob selection of star time range
• Knob adjustable time setting
• Automatic start
• Repeatability:
≤ 0.2%
• Output: 5 A SPDT relay with neutral centre position
• For mounting on DIN-rail in accordance with DIN/EN
50 022
• 17.5 mm Din-rail housing (DIN 43880)
• LED indication for relay status and power supply ON
Product Description
Star-delta control relay with
two adjustable time ranges:
Star function (0.1 to 600 s)
and star to delta function
(50 to 130 ms).
Housing 17.5 mm wide suit-
able for DIN-rail mounting.
Fits in M36 cover.
Type Selection
Mounting
Output
Housing
Supply: 24 to 240 VAC/DC
For DIN-rail
SPDT relay
Mini-D
DAC 51 C M24
with neutral
centre position
Time Specifications
Output Specifications
Time ranges (star)
Knob selectable
0.1 to
1 s
1
to
10 s
6
to
60 s
60 to
600s
Star to delta delay
50 to 130 ms
Neutral centre position
between star and delta
position
Setting accuracy
≤ 5%
Repeatability
≤ 0.2%
Time variation
Within rated power supply
≤ 0.05%
Within ambient temperature
≤ 0.2%
Reset
Time and relay
Power supply interruption
≥ 200 ms
Output
SPDT relay with neutral
centre position
Rated insulation voltage
250 VAC (RMS)
Contact Ratings (AgSnO2)µ
Resistive loads
AC 1
5 A
@ 250 VAC
DC 12
5 A
@ 24 VDC
Small inductive loads AC 15
2.5 A @ 250 VAC
DC 13
2.5 A @ 24 VDC
Mechanical life
≥ 30 x 106 operations
Electrical life
≥ 105 operations
(at 5 A, 250 V, cos ϕ = 1)
Operating frequency
< 7200 operations/h
Dielectric strength
Dielectric voltage
2 kVAC (RMS)
Rated impulse withstand
voltage
4 kV (1.2/50µs)
Ordering key
DAC 51 C M24
Housing
Function
Type
Item number
Output
Power Supply
Supply Specifications
Power supply
Overvoltage cat. III
Rated operational voltage
(IEC 60664, IEC 60038)
through terminals A1 and A2
M24:
24 to 240 VAC/DC
+10% -15%, 45 to 65 Hz
Voltage interruption
≤ 10 ms
Rated operational power
AC Supply
5 VA
DC Supply
1.5 W


Similar Part No. - DAC51CM24.

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
DAC51CM24 CARLOGAVAZZI-DAC51CM24 Datasheet
76Kb / 2P
Timers Star Delta Timer Type
More results

Similar Description - DAC51CM24.

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DAC01CM24 ETC2-DAC01CM24 Datasheet
69Kb / 3P
Timers Star Delta
logo
Sanken electric
SLA7611M SANKEN-SLA7611M Datasheet
430Kb / 2P
Star Connection/Delta Connection
logo
PHOENIX CONTACT
ETD-SL-1T-S PHOENIX-ETD-SL-1T-S Datasheet
140Kb / 6P
Star/delta timer relay
2867924 PHOENIX-2867924 Datasheet
63Kb / 4P
Timer relay for star/delta startup, supply voltage can be selected using power module, 2 PDTs
1409150 PHOENIX-1409150 Datasheet
41Kb / 2P
Star-delta bridge - HC-MOT-ST/DR-BR
logo
Carlo Gavazzi Holding A...
DAC51 CARLOGAVAZZI-DAC51 Datasheet
76Kb / 2P
Timers Star Delta Timer Type
DAC01 CARLOGAVAZZI-DAC01 Datasheet
86Kb / 3P
Timers Star Delta Types
EBS CARLOGAVAZZI-EBS Datasheet
95Kb / 2P
Timers Interval Type EBS
FMB01 CARLOGAVAZZI-FMB01 Datasheet
184Kb / 4P
Timers Multifunction Type FMB01
logo
Schneider Electric
K30H001YP SCHNEIDER-K30H001YP Datasheet
160Kb / 10P
cam star-delta switch - 3-pole - 60째 - 32 A - screw mounting
Feb 3, 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com