Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2211 Datasheet(PDF) 4 Page - Power IC Ltd.

Part # PL2211
Description  Dual Low Noise LDO in 3mm횞3mm MLF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211 Datasheet(HTML) 4 Page - Power IC Ltd.

  PL2211 Datasheet HTML 1Page - Power IC Ltd. PL2211 Datasheet HTML 2Page - Power IC Ltd. PL2211 Datasheet HTML 3Page - Power IC Ltd. PL2211 Datasheet HTML 4Page - Power IC Ltd. PL2211 Datasheet HTML 5Page - Power IC Ltd. PL2211 Datasheet HTML 6Page - Power IC Ltd. PL2211 Datasheet HTML 7Page - Power IC Ltd. PL2211 Datasheet HTML 8Page - Power IC Ltd. PL2211 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage at Pin 1
-0.3 to +6.0
V
VEN
Enable Input Voltage at Pin 2 and Pin 3
-0.3 to +6.0
V
PD
Continuous Power Dissipation
Internally limited
W
TSTG
Storage Temperature Range
-65 to +150
°c
RθJA
Thermal Resistance, Junction-To-Air
235
°c/W
TJ,MAX
Operating Junction Temperature
-40 to +125
°c
TL
Lead Temperature (Soldering, 5sec)
260
°c
ESD
ESD Capability, HBM model
2
kV
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Value
Unit
VIN
DC Supply Voltage at Pin 1
+2.5 to 5.5
V
VEN
Enable Input Voltage at Pin 2 and Pin 3
0 to VIN
V
TA
Operating Ambient Temperature
-40 to +85
°c
ELECTRICAL CHARACTERISTICS
(VIN=VOUT(NOMINAL)+1V or 2.5V (whichever is greater), VEN=VIN, CIN=COUT=1µF, IO=1mA, TA=25°C, unless otherwise noted.)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Supply Voltage
2.5
5.5
V
ΔVOUT
Output Voltage Accuracy
IO = 1mA ( both regulator )
-1.0
1.0
%
ΔVLOAD
Load Regulation
IO=1mA to 300mA ( both regulator )
0.5
%
ΔVl LINE
Line Regulation
dVOUT/( dVIN*VOUT(NOMINAL)
)*100%
VIN =VOUT(NOMINAL) +0.1V (or 2.5V,
whichever is greater) to 5.5V, IO=1mA
( both regulator )
0.05
%/V
ILOAD = 300mA ( both regulator )
150
220
mV
VDP
Dropout Voltage (Note 1)
ILOAD = 100mA ( both regulator )
80
100
mV
IO
Maximum Output Current
Continuous
300
mARMS
VIN-VOUT =1.3V ( regulator 1 )
350
600
mA
ILIM
Current Limit/Output Current
VIN-VOUT =1.3V ( regulator 2 )
350
600
IQ
Standby Current
VEN = 0V
0.02
1
µA
IG
Ground pin current
ILOAD1 = ILOAD2 =1mA ( both regulator
active)
200
300
µA
PSRR
f = 100Hz, Cout= 1µF, Cbyp=10nF
75
dB
PSRR
Ripple Rejection, IOUT = 10mA,
f = 10KHz, Cout= 1µF, Cbyp =10nF
70
dB
Output voltage noise
COUT = 1µF, CBYP = 10nF,
F = 10Hz to 100K Hz (Vp-p/2/√2)
140
µVRMS
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
20
°C
VIH
Logic Input High Voltage (EN)
( both regulator )
1.2
V
VIL
Logic Input Low Voltage (EN\)
( both regulator )
0.4
V
IEN
Logic Input Current (SHDN\)
( both regulator )
-1
1
µA
Note 1: The Dropout Voltage is defined as VIN - VOUT, when VOUT is 2% below the value of VOUT measured for
VIN=VOUT(nominal)+1V.
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com