Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL2211 Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PL2211
Description  Dual Low Noise LDO in 3mm횞3mm MLF
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211 Datasheet(HTML) 1 Page - Power IC Ltd.

  PL2211 Datasheet HTML 1Page - Power IC Ltd. PL2211 Datasheet HTML 2Page - Power IC Ltd. PL2211 Datasheet HTML 3Page - Power IC Ltd. PL2211 Datasheet HTML 4Page - Power IC Ltd. PL2211 Datasheet HTML 5Page - Power IC Ltd. PL2211 Datasheet HTML 6Page - Power IC Ltd. PL2211 Datasheet HTML 7Page - Power IC Ltd. PL2211 Datasheet HTML 8Page - Power IC Ltd. PL2211 Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Dual Low Noise LDO
in 3mm
×3mm MLFTM
FEATURES
•
300mA+300mA dual channel high accuracy
LDO
•
Ultra low output noise: 140
μVRMS
•
Low ground current: 200
μA
•
Very low dropout: 150mV @300mA
•
Zero shutdown supply current
•
TTL-logic-controlled independent enable
input
•
Thermal and current limit protections
•
Ultra low droop load transient response
•
Ultra fast line transient response
•
Tiny 10pin 3mm x 3mm MLF (10L-TDLMF )
package
•
Fixed options 1.5V, 1.8V, 2.5V, 2.8V, 3.0V
and 3.3V
APPLICATIONS
•
Dual supply handheld products
•
Cellular and cordless phones
•
Wireless LAN cards
•
Digital camera
•
MP3 / MP4 / CD player
•
Pen drives
•
USB Hubs and USB 2.0
•
Mini PCI & PCI express cards
DESCRIPTION
The PL2211 is a dual CMOS low dropout linear
regulator with ultra-low-noise output, very low
dropout voltage and very low ground current.
The PL2211 operates from a 2.5V to 5.5V input
voltage range and delivers up to 300mA, with low
dropout of 150 mV at 300mA. The other features of
PL2211 include short-circuit protection and thermal-
shutdown protection.
Its dual channel and low noise feature is ideal for
microcontroller
and
DSP
based
handheld
applications.
Other key application areas for PL2211 also include
palmtop computers, PCMCIA cards and WLAN
cards.
The PL2211 has a special feature that if both EN
pin is enabled simultaneously the output of LDO2
delays 20us from output of LDO1 which helps to
minimize inrush startup current.
The PL2211 is available in tiny 10pin 3mm x 3mm
MLF (10L-TDLMF) package with fixed output
voltage versions.
TYPICAL APPLICATION
July 2007
www.picsemi.com
© 2007 Power IC. All Rights Reserved.
1


Similar Part No. - PL2211

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
PL2211-15UZ PICSEMI-PL2211-15UZ Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
PL2211-15VZ PICSEMI-PL2211-15VZ Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
PL2211-18UZ PICSEMI-PL2211-18UZ Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
PL2211-18VZ PICSEMI-PL2211-18VZ Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
More results

Similar Description - PL2211

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2211 MICREL-MIC2211 Datasheet
197Kb / 9P
Dual UCap LDO in 3mm 횞 3mm MLF?
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
300mA DUAL LOW NOISE CMOS LDO
logo
Micrel Semiconductor
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
Dual, 300mA UCap LDO in 2mm x 2mm MLF
logo
Power IC Ltd.
PL2211 PICSEMI-PL2211 Datasheet
365Kb / 9P
300mA Low Noise Dual LDO
logo
RICOH electronics devic...
RP150K RICOH-RP150K Datasheet
811Kb / 28P
LOW NOISE Dual 300mA LDO
logo
Richtek Technology Corp...
RT9182 RICHTEK-RT9182_07 Datasheet
132Kb / 9P
Dual, Low-Noise, 200mA LDO Regulator
logo
List of Unclassifed Man...
HIP6211 ETC2-HIP6211 Datasheet
206Kb / 9P
Dual Low Noise LDO in 3mm횞3mm MLF?
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
LOW NOISE Dual 300mA LDO
April 1, 2012
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
LOW NOISE DUAL 300mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com