Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6V5B1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # 6V5B1
Description  BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

6V5B1 Datasheet(HTML) 1 Page - STMicroelectronics

  6V5B1 Datasheet HTML 1Page - STMicroelectronics 6V5B1 Datasheet HTML 2Page - STMicroelectronics 6V5B1 Datasheet HTML 3Page - STMicroelectronics 6V5B1 Datasheet HTML 4Page - STMicroelectronics 6V5B1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
ITA6V5B1 / ITA10B1
ITA18B1 / ITA25B1
®
August 2001- Ed: 2
BIDIRECTIONAL TRANSILTM ARRAY
FOR DATALINE PROTECTION
SO-8
Differential data transmission lines protection :
- RS-232
- RS-423
- RS-422
- RS-485
APPLICATIONS
Application Specific Discretes
A.S.D.TM
1
2
3
4
I/O1
I/O 2
I/O 3
I/O 4
GN D
GN D
8
7
6
5
FUNCTIONAL DIAGRAM
s
HIGH SURGE CAPABILITY TRANSIL ARRAY
IPP = 40 A (8/20
µs)
s
PEAK PULSE POWER : 300 W (8/20
µs)
s
UP TO 5 BIDIRECTIONAL TRANSIL FUNCTIONS
s
LOW CLAMPING FACTOR (VCL /VBR)AT
HIGH CURRENT LEVEL
s
LOW LEAKAGE CURRENT
s
ESD PROTECTION UP TO 15kV
FEATURES
Transil diode arrays
provide high overvoltage
protection by clamping action. Their instantaneous
response to transient overvoltages makes them
particularly suited to protect voltage sensitive
devices such as MOS Technology and low voltage
supplied IC’s.
The ITA series allies high surge capability against
energetic pulses with high voltage performance
against ESD.
DESCRIPTION
IEC 1000-4-2 : level 4
IEC 1000-4-4 : level 4
IEC 1000-4-5 : level 2
MIL STD 883C - Method 3015-6 : class 3
(human body model)
COMPLIES WITH THE FOLLOWING STANDARDS :


Similar Description - 6V5B1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ITA6V1U1 STMICROELECTRONICS-ITA6V1U1 Datasheet
177Kb / 5P
TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITA6V5B3 STMICROELECTRONICS-ITA6V5B3 Datasheet
72Kb / 6P
BIDIRECTIONAL TRANSILTM ARRAY FOR DATALINE PROTECTION
05-Apr-1000
ITAXXU1 STMICROELECTRONICS-ITAXXU1 Datasheet
57Kb / 6P
TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2_08 Datasheet
115Kb / 8P
Quad bidirectional Transi array for ESD protection
16-Apr-2008
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
logo
GOOD-ARK Electronics
SES5VT23-3 GOOD-ARK-SES5VT23-3 Datasheet
193Kb / 3P
Bidirectional ESD Protection Array
SES5VT323-3 GOOD-ARK-SES5VT323-3 Datasheet
154Kb / 3P
Bidirectional ESD Protection Array
SES4VT23-3 GOOD-ARK-SES4VT23-3 Datasheet
349Kb / 4P
Bidirectional ESD Protection Array
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com