Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSB30D Datasheet(PDF) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

Part # MSB30D
Description  Single Phase 3.0Amp Glass passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUIXIN [Guangdong Huixin Electronic Technology Co., Ltd.]
Direct Link  http://www.hxkj.hk
Logo HUIXIN - Guangdong Huixin Electronic Technology Co., Ltd.

MSB30D Datasheet(HTML) 1 Page - Guangdong Huixin Electronic Technology Co., Ltd.

  MSB30D Datasheet HTML 1Page - Guangdong Huixin Electronic Technology Co., Ltd. MSB30D Datasheet HTML 2Page - Guangdong Huixin Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
-55 to +150
200
Maximum repetitive peak reverse voltage
260 C/10 seconds at terminals
Single phase half-wave 60Hz,resistive or inductive load,
MSBL
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
3.0
100
Operating junction and storage temperature range
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=100 C
Peak forward surge current, 8.3ms single half
sine-wave superimposed on rated load
Maximum instantaneous forward voltage at 3.0A
Maximum DC reverse current
T A =25 C
at rated DC blocking voltage
TA=125 C
Typical junction capacitance (Note 1)
Note:
IR
5.0
RqJA
CJ
TJ,TSTG
55.0
35.0
pF
C
A
u
Typical thermal resistance
C/W
Ratings at 25 C ambient temperature unless otherwise specified.
MSB30G MSB30J MSB30K
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
Case : Molded plastic body
Terminals : Solder plated, solderable per MIL-STD-750,Method 2026
Polarity : Polarity symbol marking on body
Mounting Position : Any
for capacitive load current derate by 20%.
Features
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Idea for printed circuit board
Glass passivated Junction chip
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
Mechanical Data
Maximum Ratings And Electrical Characteristics
MSB30A~MSB30M
Dimensions in inches and (millimeters)
1.10
MSB30M
1.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
Single Phase 3.0Amp Glass passivated Bridge Rectifiers
Rating for fusing (t=8.3ms, Ta=25 C)
I
2
t
41.5
A
2
s
MSB30D
100
70
100
MSB30B
50
35
50
Parameter
MSB30A
.205(5.20)
.197(5.00)
.256(6.70)
.264(6.50)
.059(1.50)
.051(1.30)
.016(0.40)
.005(0.15)
.045(1.15)
.037(0.95)
+86-769-22857832
huixin@hxkj.hk
Rev.01
Page 1 of 2


Similar Part No. - MSB30D

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MSB30D YFWDIODE-MSB30D Datasheet
527Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Microdiode Semiconducto...
MSB30D CHENDA-MSB30D Datasheet
1Mb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
MSB30D CHENDA-MSB30D Datasheet
556Kb / 2P
GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIERS
logo
DONGGUAN YOU FENG WEI E...
MSB30D YFWDIODE-MSB30D Datasheet
464Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE
logo
SHIKUES Electronics
MSB30D SKTECHNOLGY-MSB30D Datasheet
472Kb / 3P
3A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results

Similar Description - MSB30D

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
KBP301G LUGUANG-KBP301G Datasheet
179Kb / 2P
Single Phase 3.0AMP. Glass Passivatec Bridge Rectifiers
logo
DIYI Electronic Technol...
UG3KB05T DYELEC-UG3KB05T Datasheet
421Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG3KB05G DYELEC-UG3KB05G Datasheet
399Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
UG3KB05 DYELEC-UG3KB05 Datasheet
397Kb / 2P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
2W005 SURGE-2W005 Datasheet
410Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 SURGE-GBU4005 Datasheet
470Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
DB101S YIXIN-DB101S Datasheet
116Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
New Jersey Semi-Conduct...
GBPC15005 NJSEMI-GBPC15005 Datasheet
156Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
logo
SMC Diode Solutions Co....
HBS302 SMCDIODE-HBS302 Datasheet
569Kb / 5P
Glass Passivated Single-Phase 3.0Amp Surface Mount Bridge Rectifier
KBP3005G SMCDIODE-KBP3005G Datasheet
310Kb / 5P
SINGLE PHASE 3.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
Rev. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com